Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBR931L Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MMBR931L
Description  isc Silicon NPN RF Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MMBR931L Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MMBR931L Datasheet HTML 1Page - Inchange Semiconductor Company Limited MMBR931L Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc RF Product Specification
isc website:www.iscsemi.cn
1
isc Silicon NPN RF Transistor
MMBR931L
DESCRIPTION
·
Low Noise Figure
NF = 4.3 dB TYP. @VCE = 1 V, IE = 0.25 mA, f = 1 GHz
APPLICATIONS
·
Designed primarily for use in low-power amplifiers to 1.0
GHz ,Ideal for pagers and other battery operated systems
where power consumption is critical.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
10
V
VCEO
Collector-Emitter Voltage
5
V
VEBO
Emitter-Base Voltage
2
V
IC
Collector Current-Continuous
5
mA
PC
Collector Power Dissipation
@TC= 75℃
0.15
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - MMBR931L

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MMBR931L NJSEMI-MMBR931L Datasheet
121Kb / 2P
Silicon NPN RF Transistor
logo
Motorola, Inc
MMBR931LT1 MOTOROLA-MMBR931LT1 Datasheet
45Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
MMBR931LT3 MOTOROLA-MMBR931LT3 Datasheet
45Kb / 1P
The RF Line NPN Silicon High Frequency Transistor
More results

Similar Description - MMBR931L

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SC4260 ISC-2SC4260 Datasheet
152Kb / 6P
isc Silicon NPN RF Transistor
2SC4261 ISC-2SC4261 Datasheet
213Kb / 6P
isc Silicon NPN RF Transistor
BFS520 ISC-BFS520 Datasheet
195Kb / 7P
isc Silicon NPN RF Transistor
MMBR911L ISC-MMBR911L Datasheet
179Kb / 5P
isc Silicon NPN RF Transistor
MMBR941L ISC-MMBR941L Datasheet
260Kb / 9P
isc Silicon NPN RF Transistor
MMBR951L ISC-MMBR951L Datasheet
178Kb / 8P
isc Silicon NPN RF Transistor
BFG425W ISC-BFG425W Datasheet
292Kb / 2P
isc Silicon NPN RF Transistor
ISC1862 ISC-ISC1862 Datasheet
302Kb / 2P
isc Silicon NPN RF Transistor
PRF957 ISC-PRF957 Datasheet
306Kb / 2P
isc Silicon NPN RF Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com