Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM385AAAR01F Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # DM385AAAR01F
Description  DaVinci Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM385AAAR01F Datasheet(HTML) 53 Page - Texas Instruments

Back Button DM385AAAR01F Datasheet HTML 49Page - Texas Instruments DM385AAAR01F Datasheet HTML 50Page - Texas Instruments DM385AAAR01F Datasheet HTML 51Page - Texas Instruments DM385AAAR01F Datasheet HTML 52Page - Texas Instruments DM385AAAR01F Datasheet HTML 53Page - Texas Instruments DM385AAAR01F Datasheet HTML 54Page - Texas Instruments DM385AAAR01F Datasheet HTML 55Page - Texas Instruments DM385AAAR01F Datasheet HTML 56Page - Texas Instruments DM385AAAR01F Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 281 page
background image
DM385, DM388
www.ti.com
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
Table 3-11. Ball Characteristics (AAR Package) (continued)
BALL
PINCNTL
PINCNTL
BALL
MODE
RESET
BUFFER
BALL NUMBER [1]
BALL NAME [2]
SIGNAL NAME [3]
REGISTER NAME
DEFAULT
TYPE [7] DSIS [8]
RESET
POWER [11]
HYS [12]
[6]
REL.
TYPE [13]
AND ADDRESS[4]
VALUE[5]
STATE [9]
STATE [10]
B18
VIN[0]A_D[0]
VIN[0]A_D[0]
PINCNTL140 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A2C
GP1[11]
0x80
I/O
PIN
A17
VIN[0]A_D[1]
VIN[0]A_D[1]
PINCNTL141 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A30
GP1[12]
0x80
I/O
PIN
B17
VIN[0]A_D[2]
VIN[0]A_D[2]
PINCNTL142 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A34
GP2[7]
0x80
I/O
PIN
C17
VIN[0]A_D[3]
VIN[0]A_D[3]
PINCNTL143 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A38
GP2[8]
0x80
I/O
PIN
D17
VIN[0]A_D[4]
VIN[0]A_D[4]
PINCNTL144 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A3C
GP2[9]
0x80
I/O
PIN
F17
VIN[0]A_D[5]
VIN[0]A_D[5]
PINCNTL145 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A40
GP2[10]
0x80
I/O
PIN
L20
VIN[0]A_D[6]
VIN[0]A_D[6]
PINCNTL146 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A44
GP2[11]
0x80
I/O
PIN
H20
VIN[0]A_D[7]
VIN[0]A_D[7]
PINCNTL147 /
0x000C 0000
0x01
I
PIN
L
L
DVDD
0x4814 0A48
GP2[12]
0x80
I/O
PIN
K11
VIN[0]A_D[16]
VIN[0]A_D[16]
PINCNTL156 /
0x000E 0000
0x01
I
PIN
H
H
DVDD_C
0x4814 0A6C
CAM_D[8]
0x02
I
PIN
I2C[2]_SCL
0x20
I/O
1
GP0[10]
0x80
I/O
PIN
E12
VIN[0]A_D[17]
VIN[0]A_D[17]
PINCNTL157 /
0x000C 0000
0x01
I
PIN
L
L
DVDD_C
0x4814 0A70
CAM_D[9]
0x02
I
PIN
EMAC[1]_RMRXER
0x08
I
0
GP0[11]
0x80
I/O
PIN
K10
VIN[0]A_D[18]
VIN[0]A_D[18]
PINCNTL158 /
0x000E 0000
0x01
I
PIN
H
H
DVDD_C
0x4814 0A74
CAM_D[10]
0x02
I
PIN
EMAC[1]_RMRXD[1]
0x08
I
PIN
I2C[3]_SCL
0x20
I/O
1
GP0[12]
0x80
I/O
PIN
D7
VIN[0]A_D[19]
VIN[0]A_D[19]
PINCNTL159 /
0x000E 0000
0x01
I
PIN
H
H
DVDD_C
0x4814 0A78
CAM_D[11]
0x02
I
PIN
EMAC[1]_RMRXD[0]
0x08
I
PIN
I2C[3]_SDA
0x20
I/O
1
GP0[13]
0x80
I/O
PIN
Copyright © 2013, Texas Instruments Incorporated
Device Pins
53
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com