Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

593D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 593D
Description  Solid Tantalum Chip Capacitors Tantamount Commercial, Surface Mount for Switch Mode Power Supplies and Converters
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

593D Datasheet(HTML) 3 Page - Vishay Siliconix

  593D Datasheet HTML 1Page - Vishay Siliconix 593D Datasheet HTML 2Page - Vishay Siliconix 593D Datasheet HTML 3Page - Vishay Siliconix 593D Datasheet HTML 4Page - Vishay Siliconix 593D Datasheet HTML 5Page - Vishay Siliconix 593D Datasheet HTML 6Page - Vishay Siliconix 593D Datasheet HTML 7Page - Vishay Siliconix 593D Datasheet HTML 8Page - Vishay Siliconix 593D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
www.vishay.com
29
593D
Vishay Sprague
Document Number 40005
Revision 01-Mar-04
For technical questions, contact tantalum@vishay.com
STANDARD / EXTENDED RATINGS
6.3 WVDC @ + 85
°C, SURGE = 8 V . . . 4 WVDC @ + 125°C, SURGE = 5 V
4 WVDC @ + 85
°C, SURGE = 5.2 V . . . 2.7 WVDC @ + 125°C, SURGE = 3.4 V
15
A
593D156X_004A2_
0.6
6
1.500
0.22
22
A
593D226X_004A2_
0.9
6
1.500
0.22
33
A
593D336X_004A2_
1.3
6
1.500
0.22
33
B
593D336X_004B2_
1.3
6
0.500
0.41
47
B
593D476X_004B2_
1.9
6
0.500
0.41
68
B
593D686X_004B2_
2.7
6
0.500
0.41
68
C
593D686X_004C2_
2.7
6
0.275
0.63
100
B
593D107X_004B2_
4.0
6
0.450
0.43
100
C
593D107X_004C2_
4.0
6
0.225
0.66
150
B
593D157X_004B2_
6.0
14
0.500
0.41
150
C
593D157X_004C2_
6.0
8
0.250
0.66
150
D
593D157X_004D2_
6.0
8
0.150
1.00
220
C
593D227X_004C2_
8.8
8
0.200
0.74
220
D
593D227X_004D2_
8.8
8
0.150
1.00
330
D
593D337X_004D2_
13.2
8
0.150
1.00
470
D
593D477X_004D2_
18.8
10
0.125
1.10
470
E
593D477X_004E2_
18.8
10
0.100
1.28
680*
D*
593D687X_004D2_*
27.2*
12*
0.100*
1.28*
680
E
593D687X_004E2_
27.2
12
0.100
1.28
10 WVDC @ + 85
°C, SURGE = 13 V . . . 7 WVDC @ + 125°C, SURGE = 8 V
10
A
593D106X_6R3A2
0.6
6
2.000
0.19
15
A
593D156X_6R3A2_
0.9
6
2.000
0.19
15
A
593D156X_6R3A2_035
0.9
6
1.000
0.27
22
A
593D226X_6R3A2_
1.3
6
2.000
0.19
22
B
593D226X_6R3B2_
1.3
6
0.600
0.38
33
B
593D336X_6R3B2_
2.0
6
0.600
0.38
47
B
593D476X_6R3B2_
2.8
6
0.550
0.39
47
C
593D476X_6R3C2_
2.8
6
0.300
0.61
68
B
593D686X_6R3B2_
4.1
6
0.550
0.39
68
C
593D686X_6R3C2_
4.1
6
0.275
0.63
100
B
593D107X_6R3B2_
6.0
12
0.500
0.41
100
C
593D107X_6R3C2_
6.0
6
0.250
0.66
100
D
593D107X_6R3D2_
6.0
6
0.140
1.04
150
C
593D157X_6R3C2_
9.0
8
0.200
0.74
150
D
593D157X_6R3D2_
9.0
8
0.125
1.10
150
E
593D157X_6R3E2_
9.0
8
0.100
1.28
220
D
593D227X_6R3D2_
13.2
8
0.100
1.22
220
E
593D227X_6R3E2_
13.2
8
0.100
1.28
330
D
593D337X_6R3D2_
19.8
8
0.125
1.10
330
E
593D337X_6R3E2_
19.8
8
0.100
1.28
470
E
593D477X_6R3E2_
28.2
10
0.100
1.28
470
E
593D477X_6R3E2_035
28.2
10
0.065
1.59
4.7
A
593D475X_010A2
0.5
6
3.000
0.16
4.7
A
593D475X_010A2_035
0.5
6
1.500
0.22
6.8
A
593D685X_010A2_
0.7
6
3.000
0.16
10
A
593D106X_010A2
1.0
6
2.000
0.19
15
A
593D156X_010A2_
1.5
6
2.000
0.19
15
A
593D156X_010A2_035
1.5
6
1.000
0.27
15
B
593D156X_010B2_
1.5
6
0.700
0.35
22
A
593D226X_010A2_
2.2
8
1.500
0.22
22
B
593D226X_010B2_
2.2
6
0.700
0.35
22
C
593D226X_010C2_
2.2
6
0.345
0.56
33
B
593D336X_010B2_
3.3
6
0.600
0.38
33
C
593D336X_010C2_
3.3
6
0.300
0.61
47
B
593D476X_010B2_
4.7
6
0.600
0.38
47
C
593D476X_010C2_
4.7
6
0.300
0.61
Max. RIPPLE
100kHz
Irms
(Amps)
CASE
CODE
PART NUMBER
Max. DC
Leakage
@ + 25
°C
(
µA)
Max. ESR
@ + 25
°
100kHz
(Ohms)
Max. DF
@ + 25
°C
120 Hz
(%)
CAPACITANCE
(
µF)
• Preliminary values, contact factory for availability. For 10% tolerance, specify “9”; for 20% tolerance, change to “0”. Extended Ratings in bold print.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com