Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8228J Datasheet(PDF) 4 Page - Texas Instruments

Part # DP8228J
Description  System Controller and Bus Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8228J Datasheet(HTML) 4 Page - Texas Instruments

  DP8228J Datasheet HTML 1Page - Texas Instruments DP8228J Datasheet HTML 2Page - Texas Instruments DP8228J Datasheet HTML 3Page - Texas Instruments DP8228J Datasheet HTML 4Page - Texas Instruments DP8228J Datasheet HTML 5Page - Texas Instruments DP8228J Datasheet HTML 6Page - Texas Instruments DP8228J Datasheet HTML 7Page - Texas Instruments DP8228J Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Capacitance VBIAS e 25V VCC e 50V TA e 25 C f e 1 MHz
Symbol
Parameter
Min
Typ
Max
Units
(Note 1)
CIN
Input Capacitance
8
12
pF
COUT
Output Capacitance Control Signals
7
15
pF
IO
IO Capacitance (D or DB)
8
15
pF
This parameter is periodically sampled and not 100% tested
Switching Characteristics Min s VCC s Max Min s TA s Max
DP8228M
DP8228
Symbol
Parameter
Conditions
DP8238M
DP8238
Units
Min
Max
Min
Max
tPW
Width of Status Strobe
25
22
ns
tSS
Set-Up Time Status Inputs D0 – D7
8
8
ns
tSH
Hold Time Status Inuts D0 – D7
5
5
ns
tDC
Delay from STSTB to Any Control Signal
(Figure 2)
20
75
20
60
ns
tRR
Delay from DBIN to Control Outputs
(Figure 2)
30
30
ns
tRE
Delay from DBIN to Enable
(Figure 1)
45
45
ns
Disable 8080 Bus
tRD
Delay from System Bus to 8080
(Figure 1)
45
30
ns
Bus During Read
tWR
Delay from WR to Control Outputs
(Figure 2)
560545
ns
tWE
Delay to Enable System Bus
(Figure 2)
30
30
ns
DB0 – DB7 after STSTB
tWD
Delay from 8080 Bus D0 – D7 to
(Figure 2)
540540
ns
System Bus DB0 – DB7 During Write
tE
Delay from System Bus Enable to
(Figure 2)
30
30
ns
System Bus DB0 – DB7
tHD
HLDA to Read Status Outputs
(Figure 2)
25
25
ns
tDS
Set-Up Time System Bus Inputs to HLDA
10
10
ns
tDH
Hold Time System Bus Inputs to HLDA
20
20
ns
Test Conditions
TLF6825 – 2
TLF6825 – 3
TLF6825 – 4
FIGURE 1 Test Load
FIGURE 2 Test Load
FIGURE 3 INTA Test Circuit
(For RST 7)
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com