Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7741Y Datasheet(PDF) 2 Page - Texas Instruments

Part # DAC7741Y
Description  16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7741Y Datasheet(HTML) 2 Page - Texas Instruments

  DAC7741Y Datasheet HTML 1Page - Texas Instruments DAC7741Y Datasheet HTML 2Page - Texas Instruments DAC7741Y Datasheet HTML 3Page - Texas Instruments DAC7741Y Datasheet HTML 4Page - Texas Instruments DAC7741Y Datasheet HTML 5Page - Texas Instruments DAC7741Y Datasheet HTML 6Page - Texas Instruments DAC7741Y Datasheet HTML 7Page - Texas Instruments DAC7741Y Datasheet HTML 8Page - Texas Instruments DAC7741Y Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
DAC7741
2
SBAS248B
www.ti.com
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degradation
to complete device failure. Precision integrated circuits may be
more susceptible to damage because very small parametric
changes could cause the device not to meet its published
specifications.
ABSOLUTE MAXIMUM RATINGS(1)
VCC to VSS ........................................................................... –0.3V to +34V
VCC to AGND ...................................................................... –0.3V to +17V
VSS to AGND ...................................................................... –17V to +0.3V
AGND to DGND ................................................................. –0.3V to +0.3V
REFIN to AGND ............................................................. 0V to VCC – 1.4V
VDD to DGND ........................................................................ –0.3V to +6V
Digital Input Voltage to DGND ................................. –0.3V to VDD + 0.3V
Digital Output Voltage to DGND .............................. –0.3V to VDD + 0.3V
Operating Temperature Range ........................................ –40
°C to +85°C
Storage Temperature Range ......................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
NOTE: (1) Stresses above those listed under
Absolute Maximum Ratings may
cause permanent damage to the device. Exposure to absolute maximum
conditions for extended periods may affect device reliability.
PACKAGE/ORDERING INFORMATION
LINEARITY
DIFFERENTIAL
SPECIFIED
ERROR
NONLINEARITY
PACKAGE
TEMPERATURE
ORDERING
PACKAGE
TRANSPORT
PRODUCT
(LSB)
(LSB)
PACKAGE-LEAD
DESIGNATOR(1)
RANGE
NUMBER
MARKING
MEDIA, QUANTITY
DAC7741Y
±6
±4
LQFP-48
PT
–40
°C to +85°C
DAC7741Y/250
DAC7741Y
Tape and Reel, 250
"
"
""""
DAC7741Y/2K
"
Tape and Reel, 2000
DAC7741YB
±4
±2
LQFP-48
PT
–40
°C to +85°C
DAC7741YB/250
DAC7741YB
Tape and Reel, 250
"
"
""""
DAC7741YB/2K
"
Tape and Reel, 2000
DAC7741YC
±3
±1
LQFP-48
PT
–40
°C to +85°C
DAC7741YC/250
DAC7741YC
Tape and Reel, 250
"
"
""""
DAC7741YC/2K
"
Tape and Reel, 2000
DAC7741YL
±2
±1
LQFP-48
PT
0
°C to +70°C
DAC7741YL/250
DAC7741YL
Tape and Reel, 250
"
"
""""
DAC7741YL/2K
"
Tape and Reel, 2000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com.
DAC7741Y
DAC7741YB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ACCURACY
Linearity Error (INL)
±6
±4
LSB
TA = 25°C
±5
±3
LSB
Differential Linearity Error (DNL)
±4
±2
LSB
Monotonicity
14
15
Bits
Offset Error
±0.1
✻
% of FSR
Offset Error Drift
±2
✻
ppm/
°C
Gain Error
With Internal REF
±0.4
±0.25
% of FSR
With External REF
±0.25
±0.1
% of FSR
Gain Error Drift
With Internal REF
±15
±10
ppm/
°C
PSRR (VCC or VSS)
At Full-Scale
50
200
✻✻
ppm/V
ANALOG OUTPUT(1)
Voltage Output(2)
+11.4/–4.75(1)
0 to 10
✻
V
+11.4/–11.4(1)
±10
✻
V
+11.4/–6.4(1)
±5
✻
V
Output Current
±5
✻
mA
Output Impedance
0.1
✻
Ω
Maximum Load Capacitance
200
✻
pF
Short-Circuit Current
±15
✻
mA
Short-Circuit Duration
AGND
Indefinite
✻
REFERENCE
Reference Output
9.96
10
10.04
9.975
✻
10.025
V
REFOUT Impedance
400
✻
Ω
REFOUT Voltage Drift
±15
±10
ppm/
°C
REFOUT Voltage Adjustment(3)
±25
✻
mV
REFIN Input Range(4)
4.75
VCC – 1.4
✻✻
V
REFIN Input Current
10
✻
nA
REFADJ Input Range
Absolute Max Value that
010
✻✻
V
can be applied is VCC
REFADJ Input Impedance
50
✻
k
Ω
VREF Output Current
–2+2
✻✻
mA
VREF Impedance
1
✻
Ω
ELECTRICAL CHARACTERISTICS
All specifications at TA = TMIN to TMAX, VCC = +15V, VSS = –15V, VDD = +5V, internal reference enabled, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com