Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DM9338 Datasheet(PDF) 2 Page - Texas Instruments

Part # DM9338
Description  9338/DM9338 8-Bit Multiple Port Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DM9338 Datasheet(HTML) 2 Page - Texas Instruments

  DM9338 Datasheet HTML 1Page - Texas Instruments DM9338 Datasheet HTML 2Page - Texas Instruments DM9338 Datasheet HTML 3Page - Texas Instruments DM9338 Datasheet HTML 4Page - Texas Instruments DM9338 Datasheet HTML 5Page - Texas Instruments DM9338 Datasheet HTML 6Page - Texas Instruments DM9338 Datasheet HTML 7Page - Texas Instruments DM9338 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TLF9794
June 1989
9338DM9338 8-Bit Multiple Port Register
General Description
The DM9338 is an 8-bit multiple port register designed for
high speed random access memory applications where the
ability to simultaneously read and write is desirable A com-
mon use would be as a register bank in a three address
computer Data can be written into any one of the eight bits
and read from any two of the eight bits simultaneously
Connection Diagrams
Dual-In-Line Package
TLF9794 – 1
Order Number 9338DMQB 9338FMQB or DM9338N
See NS Package Number J16A N16E or W16A
Pin Names
Description
A0 – A2
Write Address Inputs
DA
Data Input
B0 – B2
B Read Address Inputs
C0 – C2
C Read Address Inputs
CP
Clock Pulse Input (Active Rising Edge)
SLE
Slave Enable Input (Active LOW)
ZB
B Output
ZC
C Output
FAST
and TRI-STATE
are registered trademarks of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com