Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC7644EB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # DAC7644EB
Description  16-Bit, Quad Voltage Output DIGITAL-TO-ANALOG CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC7644EB Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC7644EB Datasheet HTML 17Page - Texas Instruments DAC7644EB Datasheet HTML 18Page - Texas Instruments DAC7644EB Datasheet HTML 19Page - Texas Instruments DAC7644EB Datasheet HTML 20Page - Texas Instruments DAC7644EB Datasheet HTML 21Page - Texas Instruments DAC7644EB Datasheet HTML 22Page - Texas Instruments DAC7644EB Datasheet HTML 23Page - Texas Instruments DAC7644EB Datasheet HTML 24Page - Texas Instruments DAC7644EB Datasheet HTML 25Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
21
®
DAC7644
Figure 15 shows a DAC7644 in a 4mA to 20mA current
output configuration. The output current can be determined
by Equation 3:
At full-scale, the output current is 16mA plus the 4mA for
the zero current. At zero scale the output current is the offset
current of 4mA (0.5V/125
Ω).
(2)
(3)
DIGITALLY-PROGRAMMABLE
CURRENT SOURCE
The DAC7644 offers a unique set of features that allows a
wide range of flexibility in designing applications circuits
such as programmable current sources. The DAC7644 offers
both a differential reference input as well as an open-loop
configuration around the output amplifier. The open-loop
configuration around the output amplifier allows transistor
to be placed within the loop to implement a digitally-
programmable, uni-directional current source. The availabil-
ity of a differential reference also allows programmability
for both the full-scale and zero-scale currents. The output
current is calculated as:
NC
NC
NC
NC
V
OUTA Sense
V
OUTA
V
REFL AB Sense
V
REFL AB
V
REFH AB
V
REFH AB Sense
V
OUTB Sense
V
OUTB
48
47
46
45
44
43
42
41
40
39
38
37
DAC7644
I
OUT
V
PROGRAMMED
125
Ω
80k
Ω
+0.5V
20k
Ω
+2.5V
+V
I
OUT
V
PROGRAMMED
125
Ω
GND
1000pF
2200pF
+V
OPA2350
100
Ω
1000pF
2200pF
100
Ω
FIGURE 15. 4-to-20mA Digitally Controlled Current Source (1/2 DAC7644).
I
VH
V
L
R
N Value
VL R
OUT
REF
REF
SENSE
REF
SENSE
=






+
()
–
•
,
/
65 536
I
V
V
N Value
V
OUT =




+ 
25
05
125
65 536
05
125
.– .
•
,
.
ΩΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com