Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA277 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA277
Description  Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA277 Datasheet(HTML) 1 Page - Texas Instruments

  OPA277 Datasheet HTML 1Page - Texas Instruments OPA277 Datasheet HTML 2Page - Texas Instruments OPA277 Datasheet HTML 3Page - Texas Instruments OPA277 Datasheet HTML 4Page - Texas Instruments OPA277 Datasheet HTML 5Page - Texas Instruments OPA277 Datasheet HTML 6Page - Texas Instruments OPA277 Datasheet HTML 7Page - Texas Instruments OPA277 Datasheet HTML 8Page - Texas Instruments OPA277 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
BurrBrown Products
from Texas Instruments
DAC7822
FEATURES
DESCRIPTION
APPLICATIONS
12-Bit
R-2RDACA
12-Bit
R-2RDACB
LATCH
R A
FB
I
1A
OUT
I
2A
OUT
I
1B
OUT
DAC /B
A
CS
R/W
V
DD
DB0
DATA
INPUTS
DB11
LDAC
CLR
I
2B
OUT
LATCH
INPUT
BUFFER
CONTROL
LOGIC
R
1
2R
R
FB
2R
R
3
2R
R A
3
R
A
2_3
R A
2
V
A
REF
R A
1
R
2
2R
R
3
2R
R
2
2R
GND
POWER-ON
RESET
R B
3
R
B
2_3
R B
2
V
B
REF
R B
1
R
FBB
R
1
2R
R
FB
2R
DAC7822
SBAS374A – JUNE 2006 – REVISED JULY 2007
Dual, 12-Bit, Parallel Input, Multiplying
Digital-to-Analog Converter
• ±1LSB INL
The DAC7822 is a dual, CMOS, 12-bit, current
output digital-to-analog converter (DAC). This device
• 2.5V to 5.5V Supply Operation
operates from a 2.5V to 5.5V power supply, making it
• Fast Parallel Interface:
suitable
for
battery-powered
and
many
other
17ns Write Cycle
applications.
• Update Rate of 20.4MSPS
The DAC7822 operates with a fast parallel interface.
• 10MHz Multiplying Bandwidth
Data readback allows the user to read the contents
• ±15V Reference Input
of the DAC register via the DB pins. On power-up,
the internal register and latches are filled with zeroes
• Extended Temperature Range:
and the DAC outputs are at zero scale.
–40
°C to +125°C
The
DAC7822
offers
excellent
4-quadrant
• 40-Lead QFN
multiplication
characteristics,
with
large
signal
• 12-Bit Monotonic
multiplying
bandwidth
of
10MHz.
The
applied
• 4-Quadrant Multiplication
external reference input voltage (VREF) determines
• Power-On Reset with Brownout Detection
the full-scale output current. An integrated feedback
resistor (RFB) provides temperature tracking and
• Readback Function
full-scale voltage output when combined with an
• Industry-Standard Pin Configuration
external current-to-voltage precision amplifier. The
• Pin-Compatible with the AD5405
DAC7822 also includes the resistors necessary for
4-quadrant multiplication and other configuration
modes.
• Portable Battery-Powered Instruments
The DAC7822 is available in a 40-lead QFN
• Waveform Generators
package.
• Analog Processing
• Programmable Amplifiers and Attenuators
• Digitally-Controlled Calibration
• Programmable Filters and Oscillators
• Ultrasound
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA277

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA277 BURR-BROWN-OPA277 Datasheet
346Kb / 9P
High Precision OPERATIONAL AMPLIFIERS
OPA277 BURR-BROWN-OPA277 Datasheet
921Kb / 25P
High Precision OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA277 TI1-OPA277 Datasheet
1Mb / 27P
High Precision OPERATIONAL AMPLIFIERS
OPA277 TI1-OPA277 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
OPA277 TI2-OPA277 Datasheet
1Mb / 43P
OPAx277 High-Precision Operational Amplifiers
REVISED FEBRUARY 2023
More results

Similar Description - OPA277

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7821 TI-DAC7821 Datasheet
1Mb / 18P
12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC7822 BURR-BROWN-DAC7822 Datasheet
610Kb / 18P
Dual, 12-Bit, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822 Datasheet
495Kb / 21P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8805 BURR-BROWN-DAC8805 Datasheet
526Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC8822 BURR-BROWN-DAC8822_07 Datasheet
499Kb / 24P
16-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
logo
Texas Instruments
DAC8806 TI-DAC8806 Datasheet
1Mb / 20P
14-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8820 TI-DAC8820 Datasheet
1Mb / 22P
16-Bit, Parallel Input Multiplying Digital-to-Analog Converter
DAC8805 TI1-DAC8805_14 Datasheet
797Kb / 25P
14-Bit, Dual, Parallel Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com