Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA820 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # OPA820
Description  12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA820 Datasheet(HTML) 6 Page - Texas Instruments

Back Button OPA820 Datasheet HTML 2Page - Texas Instruments OPA820 Datasheet HTML 3Page - Texas Instruments OPA820 Datasheet HTML 4Page - Texas Instruments OPA820 Datasheet HTML 5Page - Texas Instruments OPA820 Datasheet HTML 6Page - Texas Instruments OPA820 Datasheet HTML 7Page - Texas Instruments OPA820 Datasheet HTML 8Page - Texas Instruments OPA820 Datasheet HTML 9Page - Texas Instruments OPA820 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
www.ti.com
6
0
6
12
18
24
30
36
42
48
56
60
66
72
78
84
90
96
102
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0xFFF
0x800
0x400
0x200
0x100
0x080
0x040
0x020
0x010
0x008
0x004
0x002
0x001
10
100
1k
10k
100k
1M
10M
100M
Bandwidth(Hz)
0x000
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
0
1.0
2.0
3.0
4.0
5.0
LogicInputVoltage(V)
V
DD =+5.0V
V
DD =+3.0V
Time(50ns/div)
Code2047to2048
DACUpdate
Time(50ns/div)
Code2048to2047
DACUpdate
Time(20ns/div)
SmallSignalSettling
DACUpdate
0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-40
-20
0
20
40
60
80
100
120
Temperature( C)
°
V
=+10V
REF
DAC7811
SBAS337C – APRIL 2005 – REVISED JULY 2007
TYPICAL CHARACTERISTICS: VDD = +5V (continued)
At TA = +25°C, unless otherwise noted.
SUPPLY CURRENT
vs LOGIC INPUT VOLTAGE
REFERENCE MULTIPLYING BANDWIDTH
Figure 7.
Figure 8.
MIDSCALE DAC GLITCH
MIDSCALE DAC GLITCH
Figure 9.
Figure 10.
GAIN ERROR
DAC SETTLING TIME
vs TEMPERATURE
Figure 11.
Figure 12.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com