Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

30BQ040 Datasheet(PDF) 2 Page - International Rectifier

Part # 30BQ040
Description  SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

30BQ040 Datasheet(HTML) 2 Page - International Rectifier

  30BQ040 Datasheet HTML 1Page - International Rectifier 30BQ040 Datasheet HTML 2Page - International Rectifier 30BQ040 Datasheet HTML 3Page - International Rectifier 30BQ040 Datasheet HTML 4Page - International Rectifier 30BQ040 Datasheet HTML 5Page - International Rectifier 30BQ040 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
30BQ040
Bulletin PD-2.439 rev. G 07/04
2
www.irf.com
Parameters
30BQ Units Conditions
V
FM
Max. Forward Voltage Drop
(1)
0.53
V
@ 3A
0.68
V
@ 6A
0.43
V
@ 3A
0.57
V
@ 6A
I
RM
Max. Reverse Leakage Current (1)
0.5
mA
TJ = 25 °C
30
mA
TJ = 125 °C
C
T
Max. Junction Capacitance
230
pF
V
R = 5VDC (test signal range 100KHz to 1Mhz) 25°C
L
S
Typical Series Inductance
3.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10000
V/µs (Rated V
R)
Part number
30BQ040
VR
Max. DC Reverse Voltage (V)
40
V
RWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
I
F(AV) Max. Average Forward Current
3.0
A
50% duty cycle @ T
L = 118 °C, rectangular wave form
4.0
50% duty cycle @ T
L= 110 °C, rectangular wave form
I
FSM
Max. Peak One Cycle Non-Repetitive
2000
A
5µs Sine or 3µs Rect. pulse
Surge Current
110
10ms Sine or 6ms Rect. pulse
E
AS
Non Repetitive Avalanche Energy
6.0
mJ
T
J = 25 °C, IAS = 1.0A, L = 12mH
I
AR
Repetitive Avalanche Current
1.0
A
Current decaying linearly to zero in 1 µsec
Frequency limited by T
J max. Va = 1.5 x Vr typical
Parameters
30BQ Units Conditions
Absolute Maximum Ratings
Following any rated
load condition and
with rated V
RRM applied
T
J = 25 °C
Electrical Specifications
(1) Pulse Width < 300µs, Duty Cycle < 2%
V
R = rated VR
T
J = 125 °C
Thermal-Mechanical Specifications
T
J
Max. Junction Temperature Range (*) - 55 to 150
°C
Tstg Max. Storage Temperature Range
- 55 to 150
°C
R
thJL Max. Thermal Resistance
12
°C/W DC operation
Junction to Lead
(**)
R
thJA Max. Thermal Resistance
46
°C/W DC operation
Junction to Ambient
wt
Approximate Weight
0.24 (0.008) g (oz.)
Case Style
SMC
Similar to DO-214AB
Device Marking
IR3F
Parameters
30BQ
Units
Conditions
(**) Mounted 1 inch square PCB
<
thermal runaway condition for a diode on its own heatsink
(*) dPtot
1
dTj
Rth( j-a)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com