Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD54HC245 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD54HC245
Description  High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD54HC245 Datasheet(HTML) 1 Page - Texas Instruments

  CD54HC245 Datasheet HTML 1Page - Texas Instruments CD54HC245 Datasheet HTML 2Page - Texas Instruments CD54HC245 Datasheet HTML 3Page - Texas Instruments CD54HC245 Datasheet HTML 4Page - Texas Instruments CD54HC245 Datasheet HTML 5Page - Texas Instruments CD54HC245 Datasheet HTML 6Page - Texas Instruments CD54HC245 Datasheet HTML 7Page - Texas Instruments CD54HC245 Datasheet HTML 8Page - Texas Instruments CD54HC245 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS119A
Features
• Buffered Inputs
• Three-State Outputs
• Bus Line Driving Capability
• Typical Propagation Delay (A to B, B to A) 9ns at VCC
= 5V, CL = 15pF, TA = 25
oC
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC245, CD54HCT245
(CERDIP)
CD74HC245, CD74HCT245
(PDIP, SOIC)
TOP VIEW
Description
The
CD54HC245,
CD54HCT245,
and
CD74HC245,
CD74HCT245 are high-speed octal three-state bidirectional
transceivers
intended
for
two-way
asynchronous
communication between data buses. They have high drive
current outputs which enable high-speed operation while
driving large bus capacitances. They provide the low power
consumption of standard CMOS circuits with speeds and
drive capabilities comparable to that of LSTTL circuits.
The
CD54HC245,
CD54HCT245,
CD74HC245
and
CD74HCT245 allow data transmission of the B bus or from
the B bus to the A bus. The logic level at the direction input
(DIR) determines the direction. The output enable input
(OE), when high, puts the I/O ports in the high-impedance
state.
The HC/HCT245 is similar in operation to the HC/HCT640
and the HC/HCT643.
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
DIR
A0
A1
A2
A3
A4
A6
A5
A7
GND
VCC
B0
B1
B2
OE
B3
B4
B5
B6
B7
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
CD54HC245F3A
-55 to 125
20 Ld CERDIP
CD54HCT245F3A
-55 to 125
20 Ld CERDIP
CD74HC245E
-55 to 125
20 Ld PDIP
CD74HC245M
-55 to 125
20 Ld SOIC
CD74HC245M96
-55 to 125
20 Ld SOIC
CD74HCT245E
-55 to 125
20 Ld PDIP
CD74HCT245M
-55 to 125
20 Ld SOIC
CD74HCT245M96
-55 to 125
20 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC245, CD74HC245,
CD54HCT245, CD74HCT245
High-Speed CMOS Logic Octal-Bus Transceiver,
Three-State, Non-Inverting
[ /Title
(CD54
HC245
,
CD54
HCT24
5,
CD74
HC245
,
CD74
HCT24
5)
/Sub-
ject
(High
Speed
November 1997 - Revised May 2003


Similar Part No. - CD54HC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI2-CD54HC245 Datasheet
1Mb / 21P
CDx4HC(T)245 High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non- Inverting
REVISED JULY 2022
CD54HC245F TI-CD54HC245F Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F TI-CD54HC245F Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245F TI2-CD54HC245F Datasheet
1Mb / 21P
CDx4HC(T)245 High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non- Inverting
REVISED JULY 2022
More results

Similar Description - CD54HC245

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HC245 TI-CD54HC245 Datasheet
37Kb / 7P
High Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD74AC245 TI-CD74AC245 Datasheet
38Kb / 8P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
logo
Intersil Corporation
CD54AC245 INTERSIL-CD54AC245 Datasheet
11Kb / 1P
Octal-Bus Transceiver Three-State, Non-Inverting
June 1997
CD54ACT623F3A INTERSIL-CD54ACT623F3A Datasheet
17Kb / 3P
Octal Bus Transceiver Three-State, Non-Inverting
July 1998
logo
Texas Instruments
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD54AC245 TI-CD54AC245 Datasheet
284Kb / 14P
Octal-Bus Transceiver, Three-State, Non-Inverting
CD54HC245 TI-CD54HC245_03 Datasheet
261Kb / 12P
High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
CD54AC245 TI-CD54AC245_07 Datasheet
437Kb / 16P
Octal-Bus Transceiver Three-State, Non-Inverting
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com