Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT2952AM Datasheet(PDF) 1 Page - Texas Instruments

Part # CD74FCT2952AM
Description  BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT2952AM Datasheet(HTML) 1 Page - Texas Instruments

  CD74FCT2952AM Datasheet HTML 1Page - Texas Instruments CD74FCT2952AM Datasheet HTML 2Page - Texas Instruments CD74FCT2952AM Datasheet HTML 3Page - Texas Instruments CD74FCT2952AM Datasheet HTML 4Page - Texas Instruments CD74FCT2952AM Datasheet HTML 5Page - Texas Instruments CD74FCT2952AM Datasheet HTML 6Page - Texas Instruments CD74FCT2952AM Datasheet HTML 7Page - Texas Instruments CD74FCT2952AM Datasheet HTML 8Page - Texas Instruments CD74FCT2952AM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CD74FCT2952A
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCBS720 – JULY 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D BiCMOS Technology With Low Quiescent
Power
D Buffered Inputs
D Noninverted Outputs
D Input/Output Isolation From VCC
D Controlled Output Edge Rates
D 64-mA Output Sink Current
D Output Voltage Swing Limited to 3.7 V at
VCC = 5 V
D SCR Latch-Up-Resistant BiCMOS Process
and Circuit Design
D Packaged in Plastic Small-Outline Package
description
The CD74FCT2952A is an octal transceiver and register, consisting of two 8-bit, back-to-back registers that
store data flowing in both directions between two bidirectional buses. It uses a small-geometry BiCMOS
technology. Data on the A or B bus is stored in the registers on the low-to-high transition of the clock (CLKAB
or CLKBA) input if the clock-enable (CLKENAB or CLKENBA) input is low. Taking the output-enable (OEAB or
OEBA) input low accesses the data on either port.
This device contains two 8-bit, back-to-back registers that store data flowing in both directions between two
bidirectional buses. Each register has separate clock, clock enable, and 3-state output enable signals
associated with it.
The output stage is a combination of bipolar and CMOS transistors that limits the output high level to two diode
drops below VCC. This resultant lowering of output swing (0 V to 3.7 V) reduces power-bus ringing [a source
of electromagnetic interference (EMI)] and minimizes VCC bounce and ground bounce and their effects during
simultaneous output switching. The output configuration also enhances switching speed and is capable of
sinking 64 mA.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
The CD74FCT2952A is characterized for operation from 0
°C to 70°C.
FUNCTION TABLE†
INPUTS
OUTPUT
CLKENAB
CLKAB
OEAB
A
B
H
X
L
X
B0‡
X
H or L
L
X
B0‡
L
↑
LL
L
L
↑
LH
H
X
X
H
X
Z
† A-to-B data flow is shown; B-to-A data flow is similar,
but uses CLKENBA, CLKBA, and OEBA.
‡ Level of B before the indicated steady-state input
conditions were established
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
B8
B7
B6
B5
B4
B3
B2
B1
OEAB
CLKAB
CLKENAB
GND
VCC
A8
A7
A6
A5
A4
A3
A2
A1
OEBA
CLKBA
CLKENBA
M PACKAGE
(TOP VIEW)


Similar Part No. - CD74FCT2952AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74FCT2952A TI-CD74FCT2952A Datasheet
190Kb / 6P
FCT INTERFACE LOGIC(OCT REGISTER-TRANSCEIVERS, 3-STATE)
More results

Similar Description - CD74FCT2952AM

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74ACT11652 TI-74ACT11652 Datasheet
147Kb / 8P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74ACT11648 TI1-74ACT11648 Datasheet
151Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT652 TI1-CD74FCT652 Datasheet
260Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT651 TI1-SN74BCT651 Datasheet
236Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
SN74BCT2953 TI1-SN74BCT2953 Datasheet
92Kb / 5P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11646 TI1-74AC11646_09 Datasheet
136Kb / 9P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
74AC11651 TI1-74AC11651_10 Datasheet
158Kb / 10P
OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
CD74FCT245 TI1-CD74FCT245_16 Datasheet
1Mb / 14P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT623 TI1-CD74FCT623 Datasheet
428Kb / 11P
BiCMOS OCTAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
CD74FCT646 TI1-CD74FCT646_14 Datasheet
277Kb / 12P
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com