Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CD74FCT646 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74FCT646
Description  BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER WITH 3-STATE OUTPUTS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD74FCT646 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74FCT646 Datasheet HTML 2Page - Texas Instruments CD74FCT646 Datasheet HTML 3Page - Texas Instruments CD74FCT646 Datasheet HTML 4Page - Texas Instruments CD74FCT646 Datasheet HTML 5Page - Texas Instruments CD74FCT646 Datasheet HTML 6Page - Texas Instruments CD74FCT646 Datasheet HTML 7Page - Texas Instruments CD74FCT646 Datasheet HTML 8Page - Texas Instruments CD74FCT646 Datasheet HTML 9Page - Texas Instruments CD74FCT646 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CD74FCT646
BiCMOS OCTAL BUS TRANSCEIVER AND REGISTER
WITH 3-STATE OUTPUTS
SCBS735A – JULY 2000 – REVISED JULY 2000
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
timing requirements over recommended operating temperature conditions (unless otherwise
noted) (see Figure 2)
MIN
MAX
UNIT
fclock
Clock frequency
85
MHz
tw
Pulse duration
CLKBA or CLKAB high or low
6
ns
tsu
Setup time
A before CLKAB
↑ or B before CLKBA↑
4
ns
th
Hold time
A after CLKAB
↑ or B after CLKBA↑
2
ns
switching characteristics over recommended operating temperature conditions (unless otherwise
noted) (see Figure 2)
PARAMETER
FROM
TO
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
TYP
MIN
MAX
UNIT
fmax
85
MHz
CLKBA or CLKAB
A or B
6.8
2
9
tpd
A or B
B or A
6.8
2
9
ns
SBA or SAB†
A or B
8.3
2
11
ten
OE
A or B
10.5
2
14
ns
tdis
OE
A or B
6.8
2
9
ns
† These parameters are measured with the internal output state of the storage register opposite that of the bus input.
noise characteristics, VCC = 5 V, CL = 50 pF, TA = 25°C
PARAMETER
MIN
TYP
MAX
UNIT
VOL(P)
Quiet output, maximum dynamic VOL
1
V
VOH(V)
Quiet output, minimum dynamic VOH
0.5
V
VIH(D)
High-level dynamic input voltage
2
V
VIL(D)
Low-level dynamic input voltage
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com