Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83850CVF Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83850CVF
Description  100 Mb/s TX/T4 Repeater Interface Controller (100RIC??
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83850CVF Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83850CVF Datasheet HTML 1Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 2Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 3Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 4Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 5Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 6Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 7Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 8Page - National Semiconductor (TI) DP83850CVF Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
4
www.national.com
1.0 Pin Connection Diagram
Order Number DP83850CVF
NS Package Number VF132A
DP83850CVF
100 Mb/s
TX/T4
Repeater Interface Controller
(100RIC)
132 pin PQFP
(top view)
116
100
101
102
103
104
105
106
107
108
109
110
111
112
113
114
115
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
IRD_ODIR
/IRD_ER
RSM3/RXECONFIG
RXD0
RXD1
RXD2
RXD3
RX_DV
RX_ER
RXC
GND
VCC
CRS0
CRS1
CRS2
CRS3
CRS4
CRS5
CRS6
CRS7
CRS8
CRS9
CRS10
CRS11
RXE0
RXE1
RXE2
RXE3
GND
VCC
RXE4
RXE5
RXE6
PART5
GND
VCC
PART4
PART3
PART2
PART1
PART0
RID_ER
VCC
RID3
RID2
RID1
RID0
LCK
GND
VCC
/RST
BRDC
GRDIO
RDC
RDIO
RDIR
/SDV
/ACTIVE0
GND
VCC
/IR_BUS_EN
/M_ER
M_CK
/M_DV
RID4
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com