Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A8904SLP Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A8904SLP
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8904SLP Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A8904SLP Datasheet HTML 9Page - Allegro MicroSystems A8904SLP Datasheet HTML 10Page - Allegro MicroSystems A8904SLP Datasheet HTML 11Page - Allegro MicroSystems A8904SLP Datasheet HTML 12Page - Allegro MicroSystems A8904SLP Datasheet HTML 13Page - Allegro MicroSystems A8904SLP Datasheet HTML 14Page - Allegro MicroSystems A8904SLP Datasheet HTML 15Page - Allegro MicroSystems A8904SLP Datasheet HTML 16Page - Allegro MicroSystems A8904SLP Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
8904
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
www.allegromicro.com
13
the write cycle, the CHIP SELECT goes high, the serial port is
disabled and no more data can be transferred. In addition, the
data written to the serial port is latched and becomes active.
If a word of less than 29 bits is sent, the unused most
significant bits that are not programmed, are reset to zero. There
are no compatibility issues when using the A8904 in an existing
A8902-A application as the five MSBs are reset to zero, which
is the default condition for A8902-A operation. The only
consideration when using the A8904 in an A8902-A application
is to ensure the minimum CHIP SELECT high time is at least
500 ns.
D0 - Sleep/Run Mode; LOW = Sleep, HIGH = Run. This
bit allows the device to be powered down when not in use.
D1 - Step Mode; LOW = Normal Operation, HIGH = Step
Only. When in the step-only mode the back-EMF commutation
circuitry is disabled and the start-up oscillator commutates the
power outputs. This mode is intended for device and system
testing.
D2 - Brake; LOW = Run, HIGH = Brake.
D3, D4, and D28 - The output current limit is set by D3 &
D4; D28 sets the transconductance gain.
Current limit Transconductance
D3
D4
D28
(typical)
gain
0
0
0
1.2 A
500 mA/V
0
1
0
1.0 A
500 mA/V
1
0
0
600 mA
500 mA/V
1
1
0
250 mA
500 mA/V
0
0
1
600 mA
250 mA/V
0
1
1
500 mA
250 mA/V
1
0
1
300 mA
250 mA/V
1
1
1
125 mA
250 mA/V
D5 to D18 - 14-bit word, active low. Programs the count
number to produce the corresponding REF signal, which
indicates the desired motor speed.
Bit number
Count number
D5
16
D6
32
D7
64
D8
128
D9
256
D10
512
D11
1,024
D12
2,048
D13
4,096
D14
8,192
D15
16,384
D16
32,768
D17
65,536
D18
131,072
D19 - Speed control mode; LOW = internal, once-around
speed signal, HIGH = external sector data.
D20 and D21 - Programs the number of motor poles for the
once-around FCOM counter.
D20
D21
Motor poles
00
8
01
4
10
16
11
12
D22 and D23 - Controls the multiplexer for DATA OUT.
See DATA OUT Section for status definitions.
D22
D23
DATA OUT
0
0
TACH (once around or sector) signal
0
1
Thermal shutdown
1
0
SYNC signal
1
1
FCOM signal
D24 - Speed Reference. LOW = Internal, using back-EMF
technique, HIGH = External (internal control disabled).
D25 - Direction. LOW = Forward, HIGH = Reverse.
D26 and D27 - Programs the charging current for the
watchdog capacitor. This function is used for adjusting the
blanking duration and also the watchdog commutation period.
D26
D27
Watchdog charge current (typical)
0
0
-10 µA
0
1
-20 µA
1
0
-30 µA
1
1
-40 µA
Functional Description (cont’d)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com