Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10ETF12STLR Datasheet(PDF) 6 Page - International Rectifier

Part # 10ETF12STLR
Description  FAST SOFT RECOVERY RECTIFIER DIODE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

10ETF12STLR Datasheet(HTML) 6 Page - International Rectifier

  10ETF12STLR Datasheet HTML 1Page - International Rectifier 10ETF12STLR Datasheet HTML 2Page - International Rectifier 10ETF12STLR Datasheet HTML 3Page - International Rectifier 10ETF12STLR Datasheet HTML 4Page - International Rectifier 10ETF12STLR Datasheet HTML 5Page - International Rectifier 10ETF12STLR Datasheet HTML 6Page - International Rectifier 10ETF12STLR Datasheet HTML 7Page - International Rectifier 10ETF12STLR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
10ETF..S QUIET
IR Series
I2140 rev. A 12/99
www.irf.com
10
E
T
F
06
S
TRL
Device Code
1
5
24
3
Ordering Information Table
1
-
Current Rating
2
-
Circuit Configuration: E = Single Diode
3
-
Package: T = TO-220AC
4
-
Type of Silicon: F = Fast Soft Recovery Rectifier
5
-
Voltage code: Code x 100 = V
RRM
6
-
S = TO-220 D
2Pak (SMD-220) Version
7
-
Tape and Reel Option
TRL = Left Reel
TRR = Right Orientation Reel
02 = 200V
04 = 400V
08 = 800V
Outline Table
1 0 .16 (0. 40)
RE F.
8. 89 (0 . 3 5)
4. 57 (0 .18)
4. 32 (0 .17)
0. 61 (0 . 02) M AX .
5. 08 (0 . 20) R EF .
1. 32 (0 .05)
1. 22 (0 .05)
13
6. 47 (0 .25)
6.18 (0 .2 4 )
93 °
RE F .
2.61 (0 .1 0 )
2.32 (0 .0 9 )
5.2 8 (0. 2 1)
4.7 8 (0. 1 9)
4. 69 (0.18)
4.20 (0 .1 6 )
0. 55 (0 . 0 2)
0. 46 (0 . 0 2)
14. 73 (0 .58 )
15. 49 (0 .61 )
1. 40 (0 . 0 55 )
1. 14 (0 . 0 45 )
3X
0. 93 (0 . 3 7)
0. 69 (0 .27)
2X
11. 43 (0 .45)
17. 78 (0. 70)
8. 89 (0 . 3 5)
3.81 (0 .1 5 )
2. 08 (0 . 0 8)
2X
2. 54 (0 .10)
2X
M INIM U M RE C O M M E NDE D F O O T P R IN T
2
Dimensions in millimeters and inches
6
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com