Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL39D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL39D
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL39D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL39D Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL39D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
2
isc website:www.iscsemi.cn
isc Silicon NPN Power Transistor
BUL39D
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 100mA; L= 25mH
450
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.2A
0.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 2.5A; IB= 0.5A
1.1
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 1A; IB= 0.2A
1.1
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 2.5A; IB= 0.5A
1.3
V
ICES
Collector Cutoff Current
VCE= 850V; VBE= 0
VCE= 850V; VBE= 0, TC= 125℃
0.1
0.5
mA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
0.1
mA
hFE-1
DC Current Gain
IC= 5A; VCE= 10V
4
hFE-2
DC Current Gain
IC= 10mA; VCE= 5V
10
VF
Diode Forward Voltage
IF= 2A
1.5
V
Switching Times, Inductive Load
ts
Storage Time
IC= 2.5A; IB(on)= 0.5A; VBE(off)= -5V
VCL= 300V; RBB= 0Ω; L= 1mH
1.5
μs
tf
Fall Time
0.1
μs



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com