Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL58B Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL58B
Description  isc Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL58B Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL58B Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL58B Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
2
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
isc Silicon NPN Power Transistor
BUL58B
ELECTRICAL CHARACTERISTICS
TC =25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= 10mA; IB= 0
100
V
V(BR)CBO
Collector-Base Breakdown Voltage
IC= 1mA; IE= 0
250
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE= 1mA; IC= 0
10
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 1A; IB= 0.1A
0.2
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
0.6
V
VCE(sat)-3
Collector-Emitter Saturation Voltage
IC= 6A; IB= 0.6A
1.5
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 3A; IB= 0.3A
1.1
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 6A; IB= 0.6A
1.4
V
ICEO
Collector Cutoff Current
VCE= 80V; IB= 0
100
μA
ICBO
Collector Cutoff Current
VCB= 250V; IE= 0
VCB= 250V; IE= 0, TC= 125℃
10
100
μA
IEBO
Emitter Cutoff Current
VEB= 9V; IC= 0
VEB= 9V; IC= 0, TC= 125℃
10
100
μA
hFE-1
DC Current Gain
IC= 0.3A; VCE= 4V
30
80
hFE-2
DC Current Gain
IC= 3A; VCE= 4V
25
60
hFE-3
DC Current Gain
IC= 5A; VCE= 1V
5
COB
Output Capacitance
IE= 0; VCB= 10V; f= 1MHz
44
pF
fT
Current-Gain—Bandwidth Product
IC= 0.2A; VCE= 4V
20
MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com