Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL58D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # BUL58D
Description  Silicon NPN Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

BUL58D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  BUL58D Datasheet HTML 1Page - Inchange Semiconductor Company Limited BUL58D Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
Silicon NPN Power Transistor
BUL58D
ELECTRICAL CHARACTERISTICS
TC=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VCEO(sus)
Collector-Emitter Sustaining Voltage
IC= 100mA ; L= 25 mH
450
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IEB= 10mA; IC=0
9
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
1.5
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= 5A; IB= 1 A
2
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= 4A; IB= 0.8A
1.3
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= 5A; IB= 1 A
1.5
V
ICES
Collector Cutoff Current
VCE= 800V; VBE = 0
Tj=125℃
200
500
uA
ICEO
Collector Emitter Current
VCE= 450V; IB= 0
200
uA
hFE-1
DC Current Gain
IC= 5A ; VCE= 5V
5
hFE-2
DC Current Gain
IC= 0.5A ; VCE= 5V
10
40
VF
Diode Forward Voltage
IF= 3A
3.0
V
Switching Times
ts
Storage Time
IC = 2 A ,IB1 = 0.4 A
VBE(off) = -5 V, RBB = 0 Ω
VCL = 250 V, L = 200 mH
1.8
μs
tf
Fall Time
180
ns
ts
Storage Time
IC = 2 A; IB1 = 0.4 A
VBE(off) = -5 V;RBB = 0Ω
VCL = 250 V; L = 200 mH
Tj = 125℃
1.5
μs
tf
Fall Time
180
ns



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com