Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRV10983ZPWPR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DRV10983ZPWPR
Description  12- to 24-V, Three-Phase, Sensorless BLDC Motor Driver
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DRV10983ZPWPR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DRV10983ZPWPR Datasheet HTML 2Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 3Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 4Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 5Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 6Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 7Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 8Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 9Page - Texas Instruments DRV10983ZPWPR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 58 page
background image
6
DRV10983
SLVSCP6C – JULY 2014 – REVISED MAY 2016
www.ti.com
Product Folder Links: DRV10983
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
N/AME
NO.
V
19
O
Motor V phase.
20
W
21
O
Motor W phase.
22
VCC
23
P
Device power supply.
24
PowerPAD™
(GND)
—
P
The exposed PowerPAD must be electrically connected to ground plane through soldering to PCB for
proper operation and connected to bottom side of PCB through vias for better thermal spreading.
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to the network ground terminal unless otherwise noted.
8 Specifications
8.1 Absolute Maximum Ratings
over operating free-air temperature (unless otherwise noted)
(1)
MIN
MAX
UNIT
Input voltage(2)
VCC
–0.3
30
V
SPEED
–0.3
4
GND
–0.3
0.3
SCL, SDA
–0.3
4
DIR
–0.3
4
Output voltage(2)
U, V, W
–1
30
V
SW
–1
30
VREG
–0.3
7
FG
–0.3
4
VCP
–0.3
V(VCC) + 6
CPN
–0.3
30
CPP
–0.3
V(VCC) + 6
V3P3
–0.3
4
V1P8
–0.3
2.5
TJ_MAX
Maximum junction temperature
–40
150
°C
Tstg
Storage temperature
–55
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic
discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2500
V
Charged device model (CDM), per JEDEC specification JESD22-C101, all pins(2)
±1500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com