Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD6635 Datasheet(PDF) 11 Page - Analog Devices

Part # AD6635
Description  4-Channel, 80 MSPS WCDMA Receive Signal Processor (RSP)
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6635 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6635 Datasheet HTML 7Page - Analog Devices AD6635 Datasheet HTML 8Page - Analog Devices AD6635 Datasheet HTML 9Page - Analog Devices AD6635 Datasheet HTML 10Page - Analog Devices AD6635 Datasheet HTML 11Page - Analog Devices AD6635 Datasheet HTML 12Page - Analog Devices AD6635 Datasheet HTML 13Page - Analog Devices AD6635 Datasheet HTML 14Page - Analog Devices AD6635 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 60 page
background image
REV. 0
AD6635
–11–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD6635 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.6 V
Input Voltage . . . . . . . . . . . . . –0.3 V to +5.3 V (5 V Tolerant)
Output Voltage Swing . . . . . . . . . . . –0.3 V to VDDIO + 0.3 V
Load Capacitance . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200 pF
Junction Temperature Under Bias . . . . . . . . . . . . . . . . . 150
∞C
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature (5 sec) . . . . . . . . . . . . . . . . . . . . . . . 280
∞C
*Stresses greater than those listed above may cause permanent damage to the device
These are stress ratings only; functional operation of the devices at these or any
other conditions greater than those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Thermal Characteristics
324-Lead BGA:
JA = 16.87
∞C/W, no airflow.
Thermal measurements made in the horizontal position on a
4-layer board.
EXPLANATION OF TEST LEVELS
I
100% Production Tested.
II
100% Production Tested at 25
∞C, and Sample Tested at
Specified Temperatures.
III
Sample Tested Only.
IV
Parameter Guaranteed by Design and Analysis.
V
Parameter is Typical Value Only.
VI
100% Production Tested at 25
∞C, and Sample Tested at
Temperature Extremes.
ORDERING GUIDE
Model
Temperature Range
Package Descriptions
Package Option
AD6635BB
–40ºC to +85ºC
324-Lead PBGA (Ball Grid Array)
B-324
AD6635BB/PCB
Evaluation Board with AD6635 and Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com