Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7266 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7266
Description  Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7266 Datasheet(HTML) 4 Page - Analog Devices

  AD7266 Datasheet HTML 1Page - Analog Devices AD7266 Datasheet HTML 2Page - Analog Devices AD7266 Datasheet HTML 3Page - Analog Devices AD7266 Datasheet HTML 4Page - Analog Devices AD7266 Datasheet HTML 5Page - Analog Devices AD7266 Datasheet HTML 6Page - Analog Devices AD7266 Datasheet HTML 7Page - Analog Devices AD7266 Datasheet HTML 8Page - Analog Devices AD7266 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD7266
Preliminary Technical Data
Parameter
Specification
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDRIVE – 0.2
V min
Output Low Voltage, VOL
0.4
V max
Floating State Leakage Current
±1
µA max
Floating State Output Capacitance3
10
pF max
Output Coding
Straight (Natural) Binary
SGL/DIFF = 1 with 0 V to VREF range selected
Twos Complement
SGL/DIFF = 0; SGL/DIFF = 1 with 0 V to 2 × VREF range
CONVERSION RATE
Conversion Time
14
SCLK Cycles
437.5 ns with SCLK = 32 MHz
Track/Hold Acquisition Time3
100
ns max
Throughput Rate
2
MSPS max
POWER REQUIREMENTS
VDD
2.7/5.25
V min/V max
VDRIVE
2.7/5.25
V min/V max
IDD6
Digital I/Ps = 0 V or VDRIVE
Normal Mode (Static)
2
mA max
Operational, fs = 2 MSPS
6
mA max
VDD = 5 V
4
mA max
VDD = 3 V
Partial Power-Down Mode
TBD
mA max
fs = 200 kSPS
Partial Power-Down Mode
500
µA max
Static
Full Power-Down Mode
1
µA max
Power Dissipation6
Normal Mode (Operational)
30
mW max
VDD = 5 V
Partial Power-Down (Static)
2.5
mW max
VDD = 5 V
Full Power-Down (Static)
5
µW max
VDD = 5 V
NOTES
1 Temperature ranges as follows: -40°C to +125°C
2 See
section.
Terminology
3 Sample tested during initial release to ensure compliance.
4 Relates to Pins DCAPA or DCAPB.
5 See Reference section for DCAPA, DCAPB output impedances.
6 See Power Versus Throughput Rate section.
TIMING SPECIFICATIONS
Table 2. AVDD = DVDD = 2.7 V to 5.25 V, VDRIVE = 2.7 V to 5.25 V, TA = TMAX to TMIN, unless otherwise noted
Parameter
Limit at TMIN, TMAX
Unit
Description
fSCLK
10
kHz min
34
MHz max
tCONVERT
14 × tSCLK
ns max
tSCLK = 1/fSCLK
437.5
ns max
fSCLK = 32 MHz, VDD = 5 V, FSAMPLE = 2 MSPS
560
ns max
fSCLK = 25 MHz, VDD = 3 V, FSAMPLE = 1.5 MSPS
tQUIET
35
ns max
Minimum time between end of serial read and next falling edge of CS
t2
10
ns min
CS to SCLK setup time
t3
25
ns max
Delay from CS until DOUTA and DOUTB are three-state disabled
t4
25
ns max
Data access time after SCLK falling edge.
t5
0.4tSCLK
ns min
SCLK low pulse width
t6
0.4tSCLK
ns min
SCLK high pulse width
t7
5
ns min
SCLK to data valid hold time
t8
25
ns max
CS rising edge to DOUTA, DOUTB, high impedance
t9
60
ns min
CS rising edge to falling edge pulsewidth
t10
5
ns min
SCLK falling edge to DOUTA, DOUTB, high impedance
30
ns max
SCLK falling edge to DOUTA, DOUTB, high impedance
All timing specifications given are with a 25 pF load capacitance. With a load capacitance greater than this value, a digital buffer or latch must be used.
Rev. PrG | Page 4 of 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com