Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5253EVAL Datasheet(PDF) 17 Page - Analog Devices

Part # AD5253EVAL
Description  Quad 64-/256-Position I2C Nonvolatile Memory Digital Potentiometers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5253EVAL Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5253EVAL Datasheet HTML 13Page - Analog Devices AD5253EVAL Datasheet HTML 14Page - Analog Devices AD5253EVAL Datasheet HTML 15Page - Analog Devices AD5253EVAL Datasheet HTML 16Page - Analog Devices AD5253EVAL Datasheet HTML 17Page - Analog Devices AD5253EVAL Datasheet HTML 18Page - Analog Devices AD5253EVAL Datasheet HTML 19Page - Analog Devices AD5253EVAL Datasheet HTML 20Page - Analog Devices AD5253EVAL Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
AD5253/AD5254
Rev. 0 | Page 17 of 28
1 READ
S
0
1
0
1
1
A
D
1
A
D
0
1
A
P
A
RDAC_N OR EEMEM_N
REGISTER DATA
RDAC_N + 1 OR EEMEM_N + 1
REGISTER DATA
SLAVE ADDRESS
(N BYTES + ACKNOWLEDGE)
A
Figure 29. RDAC Current Read. Restricted to Previously Selected Address Stored in the Register.
P
S
SLAVE ADDRESS
0 WRITE
SLAVE ADDRESS
INSTRUCTIONAL AND
ADDRESS
A
1
S
REPEATED START
1 READ
A
0A
(N BYTES + ACKNOWLEDGE)
RDAC OR
EEMEM DATA
A/A
Figure 30. RDAC or EEMEM Random Read
0 WRITE
1 CMD
S
0
1
0
1
1
A
D
1
A
D
0
0
A
C
3
C
2
C
1
C
0
A
2
A
1
A
0
A
P
RDAC SLAVE ADDRESS
CMD/
REG
Figure 31. RDAC Quick Command Write (Dummy Write)
From Master to Slave
From Slave to Master
S = Start Condition
P = Stop Condition
A = Acknowledge (SDA Low)
A = Not Acknowledge (SDA High)
AD1, AD0 = I2C Device Address Bits. Must match with the logic states at Pins AD1, AD0.
R/W = Read Enable Bit, Logic High/Write Enable Bit, Logic Low
CMD/REG = Command Enable Bit, Logic High/Register Access Bit, Logic Low
C3, C2, C1, C0 = Command Bits
A2, A1, A0 = RDAC/EEMEM Register Addresses
Table 9. RDAC-to-EEMEM Interface and RDAC Operation
Quick Command Bits (CMD/REG = 1, A2 = 0)
C3
C2
C1
C0
Command Description
0
0
0
0
NOP
0
0
0
1
Restore EEMEM (A1, A0) to RDAC (A1, A0)1
0
0
1
0
Store RDAC (A1, A0) to EEMEM (A1, A0)
0
0
1
1
Decrement RDAC (A1, A0) 6 dB
0
1
0
0
Decrement All RDACs 6 dB
0
1
0
1
Decrement RDAC (A1, A0) One Step
0
1
1
0
Decrement All RDACs One Step
0
1
1
1
Reset: Restore EEMEMs to All RDACs
1
0
0
0
Increment RDACs (A1, A0) 6 dB
1
0
0
1
Increment All RDACs 6 dB
1
0
1
0
Increment RDACs (A1, A0) One Step
1
0
1
1
Increment All RDACs One Step
1
1
0
0
Reserved
:
:
:
:
1
1
1
1
Reserved
RDAC/EEMEM Quick Commands
AD5253/AD5254 feature 12 quick commands that facilitate
easy manipulation of RDAC wiper settings as well as provide
RDAC-to-EEMEM storing and restoring functions. The
command format is shown in Figure 31, and the command
descriptions are shown in Table 9.
When using a quick command, issuing a third byte is not
needed but is allowed. The quick commands Reset and Store
RDAC to EEMEM require acknowledge polling to determine
whether the command has finished executing.
1 This command leaves the device in the EEMEM read power state, which
consumes power. Issue the NOP command to return the device to the idle
state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com