Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7475 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7475
Description  1 MSPS, 12-Bit ADCs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7475 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7475 Datasheet HTML 5Page - Analog Devices AD7475 Datasheet HTML 6Page - Analog Devices AD7475 Datasheet HTML 7Page - Analog Devices AD7475 Datasheet HTML 8Page - Analog Devices AD7475 Datasheet HTML 9Page - Analog Devices AD7475 Datasheet HTML 10Page - Analog Devices AD7475 Datasheet HTML 11Page - Analog Devices AD7475 Datasheet HTML 12Page - Analog Devices AD7475 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. A
AD7475/AD7495
–9–
ADC TRANSFER FUNCTION
The output coding of the AD7475/AD7495 is straight binary.
The designed code transitions occur midway between successive
integer LSB values (i.e., 1/2 LSB, 3/2 LSBs, etc.). The LSB size
is = VREF/4096. The ideal transfer characteristic for the AD7475/
AD7495 is shown in Figure 6 below.
111...111
111...110
111...000
011...111
000...010
000...001
000...000
0V 0.5LSB
VREF –1.5LSB
ANALOG INPUT
1LSB = VREF/4096
Figure 6. AD7475/AD7495 Transfer Characteristic
TYPICAL CONNECTION DIAGRAM
Figure 7 and Figure 8 show a typical connection diagram for the
AD7475 and AD7495 respectively. In both setups the GND pin is
connected to the analog ground plane of the system. In Figure 7
REF IN is connected to a decoupled 2.5 V supply from a reference
source, the AD780, to provide an analog input range of 0 V to
2.5 V. Although the AD7475 is connected to a VDD of 5 V, the
serial interface is connected to a 3 V microprocessor. The VDRIVE
pin of the AD7475 is connected to the same 3 V supply of the
microprocessor to allow a 3 V logic interface, see Digital Inputs
Section. In Figure 8, the REF OUT pin of the AD7495 is con-
nected to a buffer and then applied to a level-shifting circuit used
on the analog input to allow a bipolar signal to be applied to the
AD7495. A minimum 100 nF capacitance is required on the
REF OUT pin to GND. The conversion result from both ADCs is
output in a 16-bit word with four leading zeros followed by the
MSB of the 12-bit result. For applications where power con-
sumption is of concern, the power-down modes should be
used between conversions or bursts of several conversions to
improve power performance. See Modes of Operation section
of the data sheet.
VDD
VIN
GND
5V
SUPPLY
2.5V
AD780
3V
SUPPLY
AD7475
0V TO
2.5V
INPUT
SDATA
C/ P
SCLK
SERIAL
INTERFACE
0.1 F
(MIN)
VDRIVE
REF IN
CS
0.1 F
10 F
0.1 F
10 F
Figure 7. AD7475 Typical Connection Diagram
Analog Input
Figure 9 shows an equivalent circuit of the analog input structure
of the AD7475/AD7495. The two diodes D1 and D2 provide ESD
protection for the analog inputs. Care must be taken to ensure that
the analog input signal never exceeds the supply rails by more than
200 mV. This will cause these diodes to become forward-biased
and start conducting current into the substrate. 20 mA is the
maximum current these diodes can conduct without causing
irreversible damage to the part. The capacitor C1 in Figure 9 is
typically about 4 pF and can primarily be attributed to pin capaci-
tance. The resistor R1 is a lumped component made up of the
on resistance of a switch. This resistor is typically about 100
Ω.
The capacitor C2 is the ADC sampling capacitor and has a capaci-
tance of 16 pF typically. For ac applications, removing high
frequency components from the analog input signal is recom-
mended by use of an RC low-pass filter on the relevant analog
input pin. In applications where harmonic distortion and signal
to noise ratio are critical, the analog input should be driven from
a low impedance source. Large source impedances will signifi-
cantly affect the ac performance of the ADC. This may necessitate
the use of an input buffer amplifier. The choice of the op amp will
be a function of the particular application.
R1
VIN
C2
16pF
D1
D2
C1
4pF
VDD
CONVERSION PHASE–SWITCH OPEN
TRACK PHASE–SWITCH CLOSED
Figure 9. Equivalent Analog Input Circuit
VDD
VIN
GND
5V
SUPPLY
3V
SUPPLY
AD7495
0V TO
2.5V
INPUT
SDATA
C/ P
SCLK
SERIAL
INTERFACE
0.1 F
(MIN)
VDRIVE
REF OUT
CS
0.1 F
10 F
0.1 F
10 F
R
R
3R
R
V
0V
V
Figure 8. AD7495 Typical Connection Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com