Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCVF310 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CDCVF310
Description  2.5-V TO 3.3-V HIGH-PERFORMANCE CLOCK BUFFER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CDCVF310 Datasheet(HTML) 3 Page - Texas Instruments

  CDCVF310 Datasheet HTML 1Page - Texas Instruments CDCVF310 Datasheet HTML 2Page - Texas Instruments CDCVF310 Datasheet HTML 3Page - Texas Instruments CDCVF310 Datasheet HTML 4Page - Texas Instruments CDCVF310 Datasheet HTML 5Page - Texas Instruments CDCVF310 Datasheet HTML 6Page - Texas Instruments CDCVF310 Datasheet HTML 7Page - Texas Instruments CDCVF310 Datasheet HTML 8Page - Texas Instruments CDCVF310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.ti.com
CDCVF310
SCAS771B – AUGUST 2004 – REVISED JANUARY 2008
FUNCTION TABLE
INPUT
OUTPUT
1G
2G
CLK
1Y[0:4]
2Y[0:4]
L
L
L
L
H
L
CLK(1)
L
L
H
L
CLK(1)
H
H
CLK(1)
CLK(1)
(1)
After detecting one negative edge on the CLK input, the output
follows the input CLK if the control pin is held high.
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
1G
11
I
Output enable control for 1Y[0:4] outputs. This output enable is active-high, meaning the
1Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic high.
2G
13
I
Output enable control for 2Y[0:4] outputs. This output enable is active-high, meaning the
2Y[0:4] clock outputs follow the input clock (CLK) if this pin is logic high.
1Y[0:4]
3, 4, 5, 8, 9
O
Buffered output clocks
2Y[0:4]
21, 20, 17, 16, 12
O
Buffered output clocks
CLK
24
I
Input reference frequency
GND
1, 6, 7, 18, 19
Ground
VDD
2, 10, 14, 15, 22, 23
DC power supply, 2.3 V – 3.6 V
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CDCVF310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com