Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7908 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7908
Description  8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7908 Datasheet(HTML) 1 Page - Analog Devices

  AD7908 Datasheet HTML 1Page - Analog Devices AD7908 Datasheet HTML 2Page - Analog Devices AD7908 Datasheet HTML 3Page - Analog Devices AD7908 Datasheet HTML 4Page - Analog Devices AD7908 Datasheet HTML 5Page - Analog Devices AD7908 Datasheet HTML 6Page - Analog Devices AD7908 Datasheet HTML 7Page - Analog Devices AD7908 Datasheet HTML 8Page - Analog Devices AD7908 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
REV. A
AD7908/AD7918/AD7928
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
with Sequencer in 20-Lead TSSOP
FUNCTIONAL BLOCK DIAGRAM
•
•
•
•
•
•
•
•
•
•
•
•
•
VIN7
T/H
I/P
MUX
SEQUENCER
CONTROL LOGIC
8-/10-/12-BIT
SUCCESSIVE
APPROXIMATION
ADC
GND
SCLK
DOUT
DIN
CS
VDRIVE
AVDD
AD7908/AD7918/AD7928
REFIN
VIN0
FEATURES
Fast Throughput Rate: 1 MSPS
Specified for AVDD of 2.7 V to 5.25 V
Low Power:
6.0 mW Max at 1 MSPS with 3 V Supply
13.5 mW Max at 1 MSPS with 5 V Supply
8 (Single-Ended) Inputs with Sequencer
Wide Input Bandwidth:
AD7928, 70 dB Min SINAD at 50 kHz Input Frequency
Flexible Power/Serial Clock Speed Management
No Pipeline Delays
High Speed Serial Interface SPI®/QSPI™/
MICROWIRE™/DSP Compatible
Shutdown Mode: 0.5 A Max
20-Lead TSSOP Package
GENERAL DESCRIPTION
The AD7908/AD7918/AD7928 are, respectively, 8-bit, 10-bit,
and 12-bit, high speed, low power, 8-channel, successive
approximation ADCs. The parts operate from a single 2.7 V
to 5.25 V power supply and feature throughput rates up to
1MSPS. The parts contain a low noise, wide bandwidth track-
and-hold amplifier that can handle input frequencies in excess
of 8 MHz.
The conversion process and data acquisition are controlled using
CS and the serial clock signal, allowing the device to easily inter-
face with microprocessors or DSPs. The input signal is sampled
on the falling edge of
CS and conversion is also initiated at this
point. There are no pipeline delays associated with the part.
The AD7908/AD7918/AD7928 use advanced design techniques to
achieve very low power dissipation at maximum throughput rates.
At maximum throughput rates, the AD7908/AD7918/AD7928
consume 2 mA maximum with 3 V supplies; with 5 V supplies, the
current consumption is 2.7 mA maximum.
Through the configuration of the Control Register, the analog
input range for the part can be selected as 0 V to REFIN or 0 V to
2
REFIN, with either straight binary or twos complement out-
put coding. The AD7908/AD7918/AD7928 each feature eight
single-ended analog inputs with a channel sequencer to allow a
preprogrammed selection of channels to be converted sequentially.
The conversion time for the AD7908/AD7918/AD7928 is deter-
mined by the SCLK frequency, which is also used as the master
clock to control the conversion.
PRODUCT HIGHLIGHTS
1. High Throughput with Low Power Consumption.
The AD7908/AD7918/AD7928 offer up to 1 MSPS throughput
rates. At the maximum throughput rate with 3 V supplies, the
AD7908/AD7918/AD7928 dissipate just 6 mW of power
maximum.
2. Eight Single-Ended Inputs with a Channel Sequencer.
A sequence of channels can be selected, through which the
ADC will cycle and convert on.
3. Single-Supply Operation with VDRIVE Function.
The AD7908/AD7918/AD7928 operate from a single 2.7 V to
5.25 V supply. The VDRIVE function allows the serial interface
to connect directly to either 3 V or 5 V processor systems
independent of AVDD.
4. Flexible Power/Serial Clock Speed Management.
The conversion rate is determined by the serial clock, allowing
the conversion time to be reduced through the serial clock
speed increase. The parts also feature various shutdown
modes to maximize power efficiency at lower throughput rates.
Current consumption is 0.5 µA max when in full shutdown.
5. No Pipeline Delay.
The parts feature a standard successive approximation ADC
with accurate control of the sampling instant via a
CS input
and once off conversion control.


Similar Part No. - AD7908

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7908BRU-REEL AD-AD7908BRU-REEL Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7908BRU-REEL7 AD-AD7908BRU-REEL7 Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7908BRUZ AD-AD7908BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7908BRUZ-REEL AD-AD7908BRUZ-REEL Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
AD7908BRUZ-REEL7 AD-AD7908BRUZ-REEL7 Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs
REV. D
More results

Similar Description - AD7908

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7904 AD-AD7904 Datasheet
411Kb / 24P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV.0
AD7927BRUZ AD-AD7927BRUZ Datasheet
485Kb / 28P
8-Channel, 200 kSPS, 12-Bit ADC with Sequencer in 20-Lead TSSOP
REV. C
AD7928BRUZ AD-AD7928BRUZ Datasheet
456Kb / 32P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
REV. D
AD7924BRUZ AD-AD7924BRUZ Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7904 AD-AD7904_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7908 AD-AD7908_15 Datasheet
557Kb / 28P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7924 AD-AD7924_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7928 AD-AD7928_15 Datasheet
557Kb / 28P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
AD7914 AD-AD7914_15 Datasheet
525Kb / 32P
4-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 16-Lead TSSOP
REV. C
AD7918 AD-AD7918_15 Datasheet
557Kb / 28P
8-Channel, 1 MSPS, 8-/10-/12-Bit ADCs with Sequencer in 20-Lead TSSOP
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com