Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8CCR9LVA7/NOPB Datasheet(PDF) 46 Page - Texas Instruments

Part # COP8CCR9LVA7/NOPB
Description  8-Bit CMOS Flash Microcontroller with 32k Memory
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

COP8CCR9LVA7/NOPB Datasheet(HTML) 46 Page - Texas Instruments

Back Button COP8CCR9LVA7/NOPB Datasheet HTML 42Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 43Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 44Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 45Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 46Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 47Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 48Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 49Page - Texas Instruments COP8CCR9LVA7/NOPB Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 111 page
background image
COP8CBR9, COP8CCR9, COP8CDR9
SNOS535I – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
Figure 5-11. Timer in External Event Counter Mode
5.11.2.4 Mode 3. Input Capture Mode
The device can precisely measure external frequencies or time external events by placing the timer block,
Tx, in the input capture mode. In this mode, the reload registers serve as independent capture registers,
capturing the contents of the timer when an external event occurs (transition on the timer input pin). The
capture registers can be read while maintaining count, a feature that lets the user measure elapsed time
and time between events. By saving the timer value when the external event occurs, the time of the
external event is recorded. Most microcontrollers have a latency time because they cannot determine the
timer value when the external event occurs. The capture register eliminates the latency time, thereby
allowing the applications program to retrieve the timer value stored in the capture register.
In this mode, the timer Tx is constantly running at the fixed tC or MCLK rate. The two registers, RxA and
RxB, act as capture registers. Each register also acts in conjunction with a pin. The register RxA acts in
conjunction with the TxA pin and the register RxB acts in conjunction with the TxB pin.
The timer value gets copied over into the register when a trigger event occurs on its corresponding pin
after synchronization to the appropriate internal clock (tC or MCLK). Control bits, TxC3, TxC2 and TxC1,
allow the trigger events to be specified either as a positive or a negative edge. The trigger condition for
each input pin can be specified independently.
The trigger conditions can also be programmed to generate interrupts. The occurrence of the specified
trigger condition on the TxA and TxB pins will be respectively latched into the pending flags, TxPNDA and
TxPNDB. The control flag TxENA allows the interrupt on TxA to be either enabled or disabled. Setting the
TxENA flag enables interrupts to be generated when the selected trigger condition occurs on the TxA pin.
Similarly, the flag TxENB controls the interrupts from the TxB pin.
Underflows from the timer can also be programmed to generate interrupts. Underflows are latched into the
timer TxC0 pending flag (the TxC0 control bit serves as the timer underflow interrupt pending flag in the
Input Capture mode). Consequently, the TxC0 control bit should be reset when entering the Input Capture
mode. The timer underflow interrupt is enabled with the TxENA control flag. When a TxA interrupt occurs
in the Input Capture mode, the user must check both the TxPNDA and TxC0 pending flags in order to
determine whether a TxA input capture or a timer underflow (or both) caused the interrupt.
Figure 5-12 shows a block diagram of the timer T1 in Input Capture mode. T2 and T3 are identical to T1.
46
Functional Description
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: COP8CBR9 COP8CCR9 COP8CDR9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com