Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17381F4 Datasheet(PDF) 8 Page - Texas Instruments

Part # CSD17381F4
Description  30 V N-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17381F4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CSD17381F4_16 Datasheet HTML 4Page - Texas Instruments CSD17381F4_16 Datasheet HTML 5Page - Texas Instruments CSD17381F4_16 Datasheet HTML 6Page - Texas Instruments CSD17381F4_16 Datasheet HTML 7Page - Texas Instruments CSD17381F4_16 Datasheet HTML 8Page - Texas Instruments CSD17381F4_16 Datasheet HTML 9Page - Texas Instruments CSD17381F4_16 Datasheet HTML 10Page - Texas Instruments CSD17381F4_16 Datasheet HTML 11Page - Texas Instruments CSD17381F4_16 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CSD17381F4
SLPS411D – APRIL 2013 – REVISED OCTOBER 2014
www.ti.com
7 Mechanical Data
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
7.1 Mechanical Dimensions
(1)
All linear dimensions are in millimeters (dimensions and tolerancing per AME T14.5M-1994).
(2)
This drawing is subject to change without notice.
(3)
This package is a PB-free solder land design.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: CSD17381F4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com