Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSD17484F4 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CSD17484F4
Description  30 V N-Channel FemtoFET MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CSD17484F4 Datasheet(HTML) 1 Page - Texas Instruments

  CSD17484F4 Datasheet HTML 1Page - Texas Instruments CSD17484F4 Datasheet HTML 2Page - Texas Instruments CSD17484F4 Datasheet HTML 3Page - Texas Instruments CSD17484F4 Datasheet HTML 4Page - Texas Instruments CSD17484F4 Datasheet HTML 5Page - Texas Instruments CSD17484F4 Datasheet HTML 6Page - Texas Instruments CSD17484F4 Datasheet HTML 7Page - Texas Instruments CSD17484F4 Datasheet HTML 8Page - Texas Instruments CSD17484F4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
D
G
S
0.20
mm
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
CSD17484F4
SLPS550 – MAY 2015
CSD17484F4 30 V N-Channel FemtoFET™ MOSFET
1 Features
Product Summary
1
•
Low On-Resistance
TA = 25°C
TYPICAL VALUE
UNIT
•
Ultra-Low Qg and Qgd
VDS
Drain-to-Source Voltage
30
V
•
Low Threshold Voltage
Qg
Gate Charge Total (4.5 V)
920
pC
Qgd
Gate Charge Gate-to-Drain
75
pC
•
Ultra-Small Footprint (0402 Case Size)
VGS = 1.8 V
170
m
Ω
–
1.0 mm × 0.6 mm
VGS = 2.5 V
125
m
Ω
•
Ultra-Low Profile
RDS(on)
Drain-to-Source On-Resistance
VGS = 4.5 V
107
m
Ω
–
0.2 mm Height
VGS = 8.0 V
99
m
Ω
•
Integrated ESD Protection Diode
VGS(th)
Threshold Voltage
0.85
V
–
Rated >4 kV HBM
–
Rated >2 kV CDM
.
Ordering Information(1)
•
Lead and Halogen Free
Device
Qty
Media
Package
Ship
•
RoHS Compliant
7-Inch
CSD17484F4
3000
Femto(0402)
Reel
Tape and
1.0 mm × 0.6 mm
2 Applications
Reel
7-Inch
Land Grid Array (LGA)
CSD17484F4T
250
Reel
•
Optimized for Load Switch Applications
(1) For all available packages, see the orderable addendum at
•
Optimized for General Purpose Switching
the end of the data sheet.
Applications
•
Battery Applications
Absolute Maximum Ratings
TA = 25°C
VALUE
UNIT
•
Handheld and Mobile Applications
VDS
Drain-to-Source Voltage
30
V
VGS
Gate-to-Source Voltage
12
V
3 Description
ID
Continuous Drain Current(1)
3.0
A
This 99 m
Ω, 30 V N-Channel FemtoFET™ MOSFET
IDM
Pulsed Drain Current(1)(2)
18
A
is designed and optimized to minimize the footprint in
many
handheld
and
mobile
applications.
This
Continuous Gate Clamp Current
35
IG
mA
technology is capable of replacing standard small
Pulsed Gate Clamp Current(2)
350
signal MOSFETs while providing at least a 60%
PD
Power Dissipation
500
mW
reduction in footprint size.
Human Body Model (HBM)
4
kV
ESD
Rating Charged Device Model (CDM)
2
kV
.
TJ,
Operating Junction and
–55 to 150
°C
Tstg
Storage Temperature Range
Typical Part Dimensions
Avalanche Energy, single pulse ID = 7.1 A,
EAS
2.5
mJ
L = 0.1 mH, RG = 25 Ω
(1) Typical RθJA = 85°C/W on 1 inch
2
(6.45 cm2), 2 oz.
(0.071 mm thick) Cu pad on a 0.06 inch (1.52 mm) thick FR4
PCB.
(2) Pulse duration
≤100 μs, duty cycle ≤1%
Top View
.
.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - CSD17484F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17484F4 TI2-CSD17484F4 Datasheet
1Mb / 13P
CSD17484F4 30-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD17484F4.B TI2-CSD17484F4.B Datasheet
1Mb / 13P
CSD17484F4 30-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD17484F4T TI2-CSD17484F4T Datasheet
1Mb / 13P
CSD17484F4 30-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD17484F4T.B TI2-CSD17484F4T.B Datasheet
1Mb / 13P
CSD17484F4 30-V N-Channel FemtoFET™ MOSFET
REVISED FEBRUARY 2022
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
CSD17484F4 30 V N-Channel FemtoFET MOSFET
More results

Similar Description - CSD17484F4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CSD17483F4 TI1-CSD17483F4_13 Datasheet
583Kb / 12P
30 V, N-Channel FemtoFET MOSFET
CSD13381F4 TI1-CSD13381F4 Datasheet
565Kb / 9P
12 V, N-Channel FemtoFET??MOSFET
CSD17483F4 TI1-CSD17483F4 Datasheet
588Kb / 12P
CSD17483F4, 30 V N-Channel FemtoFET MOSFET
CSD13383F4 TI-CSD13383F4_15 Datasheet
1Mb / 15P
CSD13383F4 12 V N-Channel FemtoFET MOSFET
CSD17484F4 TI-CSD17484F4_15 Datasheet
1Mb / 15P
CSD17484F4 30 V N-Channel FemtoFET MOSFET
CSD15380F3 TI1-CSD15380F3 Datasheet
1Mb / 14P
CSD15380F3 20-V N-Channel FemtoFET??MOSFET
CSD17381F4 TI1-CSD17381F4_16 Datasheet
602Kb / 13P
30 V N-Channel FemtoFET MOSFET
CSD13380F3 TI1-CSD13380F3 Datasheet
1Mb / 14P
12-V N-Channel FemtoFET MOSFET
CSD13385F5 TI1-CSD13385F5 Datasheet
947Kb / 14P
12-V N-Channel FemtoFET MOSFET
CSD17585F5 TI1-CSD17585F5 Datasheet
948Kb / 14P
30-V N-Channel FemtoFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com