Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD7912 Datasheet(PDF) 2 Page - Analog Devices

Part # AD7912
Description  2-Channel, 2.35 V to 5.25 V, 1 MSPS, 10-/12-Bit ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7912 Datasheet(HTML) 2 Page - Analog Devices

  AD7912 Datasheet HTML 1Page - Analog Devices AD7912 Datasheet HTML 2Page - Analog Devices AD7912 Datasheet HTML 3Page - Analog Devices AD7912 Datasheet HTML 4Page - Analog Devices AD7912 Datasheet HTML 5Page - Analog Devices AD7912 Datasheet HTML 6Page - Analog Devices AD7912 Datasheet HTML 7Page - Analog Devices AD7912 Datasheet HTML 8Page - Analog Devices AD7912 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD7912/AD7922
Rev. 0 | Page 2 of 32
TABLE OF CONTENTS
Specifications..................................................................................... 3
AD7912 Specifications................................................................. 3
AD7922 Specifications................................................................. 5
Timing Specifications .................................................................. 7
Timing Diagrams.......................................................................... 7
Timing Examples.......................................................................... 8
Absolute Maximum Ratings............................................................ 9
ESD Caution.................................................................................. 9
Pin Configurations and Function Descriptions ......................... 10
Terminology .................................................................................... 11
Typical Performance Characteristics ........................................... 13
Circuit Information ........................................................................ 15
Converter Operation.................................................................. 15
ADC Transfer Function............................................................. 15
Typical Connection Diagram ................................................... 16
Analog Input ............................................................................... 16
Digital Inputs .............................................................................. 17
DIN Input .................................................................................... 17
DOUT Output ............................................................................ 17
Modes of Operation ....................................................................... 18
Normal Mode.............................................................................. 18
Power-Down Mode .................................................................... 18
Power-Up Time .......................................................................... 20
Daisy-Chain Mode ..................................................................... 20
Daisy-Chain Example ................................................................ 22
Power vs. Throughput Rate ........................................................... 24
Serial Interface ................................................................................ 25
Microprocessor Interfacing....................................................... 26
Application Hints ........................................................................... 28
Grounding and Layout .............................................................. 28
Evaluating AD7912/AD7922 Performance................................. 29
Outline Dimensions ....................................................................... 30
Ordering Guide .......................................................................... 30
REVISION HISTORY
Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com