Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8065 Datasheet(PDF) 24 Page - Analog Devices

Part # AD8065
Description  High Performance, 145 MHz FastFET??Op Amps
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8065 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD8065 Datasheet HTML 20Page - Analog Devices AD8065 Datasheet HTML 21Page - Analog Devices AD8065 Datasheet HTML 22Page - Analog Devices AD8065 Datasheet HTML 23Page - Analog Devices AD8065 Datasheet HTML 24Page - Analog Devices AD8065 Datasheet HTML 25Page - Analog Devices AD8065 Datasheet HTML 26Page - Analog Devices AD8065 Datasheet HTML 27Page - Analog Devices AD8065 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
AD8065/AD8066
Rev. E | Page 24 of 28
VCC
VEE
1/2
AD8066
4.7
µF
0.1
µF
RS1
4.7
µF
0.1
µF
VN
2.2pF
500
Ω
R2
VP
1/2
AD8066
4.7
µF
0.1
µ F
4.7
µF
0.1
µ F
AD8065
4.7
µF
0.1
µF
4.7
µ F
0.1
µ F
VO
RG
VCC
VEE
VCC
VEE
500
Ω
R4
RS2
500
Ω
R1
500
Ω
R3
RF = 500Ω
2.2pF
RF = 500Ω
Figure 60. High Speed Instrumentation Amplifier
HIGH SPEED JFET INPUT INSTRUMENTATION
AMPLIFIER
Figure 60 shows an example of a high speed instrumentation
amplifier with high input impedance using the
AD8065/AD8066. The dc transfer function is
()
⎟
⎠
⎞
⎜
⎝
⎛ +
−
=
G
P
N
OUT
R
V
V
V
1000
1
For G = +1, it is recommended that the feedback resistors for
the two preamps be set to a low value (for instance 50 Ω for 50
Ω source impedance). The bandwidth for G = +1 will be 50
MHz. For higher gains, the bandwidth will be set by the preamp,
equaling
(
) (
)
F
G
CR
3dB
R
R
f
Inamp
×
×
=
−
2
/
Common-mode rejection of the inamp will be primarily
determined by the match of the resistor ratios R1:R2 to R3:R4. It
can be estimated
()
() 2
1
1
2
1
δ
δ
+
δ
−
δ
=
CM
O
V
V
The summing junction impedance for the preamps is equal to
RF || 0.5(RG). This is the value to be used for matching purposes.
VIDEO BUFFER
The output current capability and speed of the AD8065 make it
useful as a video buffer, shown in Figure 61.
The G = +2 configuration compensates for the voltage division
of the signal due to the signal termination. This buffer
maintains 0.1 dB flatness for signals up to 7 MHz, from low
amplitudes up to 2 V p-p (Figure 7). Differential gain and phase
have been measured to be 0.02% and 0.028° at ±5 V supplies.
+VS
–VS
4.7
µ F
0.1
µ F
2.2pF
499
Ω
249
Ω
75
Ω
499
Ω
VI
AD8065
4.7
µ F
0.1
µ F
75
Ω
VO
+
–
+
–
Figure 61. Video Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com