Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP8573AV Datasheet(PDF) 14 Page - Texas Instruments

Part # DP8573AV
Description  DP8573A Real Time Clock
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP8573AV Datasheet(HTML) 14 Page - Texas Instruments

Back Button DP8573AV Datasheet HTML 10Page - Texas Instruments DP8573AV Datasheet HTML 11Page - Texas Instruments DP8573AV Datasheet HTML 12Page - Texas Instruments DP8573AV Datasheet HTML 13Page - Texas Instruments DP8573AV Datasheet HTML 14Page - Texas Instruments DP8573AV Datasheet HTML 15Page - Texas Instruments DP8573AV Datasheet HTML 16Page - Texas Instruments DP8573AV Datasheet HTML 17Page - Texas Instruments DP8573AV Datasheet HTML 18Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Control and Status Register Address Bit Map
D7
D6
D5
D4
D3
D2
D1
D0
1 Reset by
Main Status Register
PS e XRS e X
ADDRESS e 00H
writing
RW
RW
RW
RW
RW1
RW1
R2
R3
1 to bit
RAM
Register
RAM
RAM
Alarm
Periodic
Power Fail
Interrupt
2 Setreset by
Select
Interrupt
Interrupt
Interrupt
Status
voltage at
PFAIL pin
3 Reset when
all pending
interrupts
are removed
Periodic Flag Register
PS e 0RS e 0
Address e 03H
4 Read Osc fail
RW
RW4
R5
R5
R5
R5
R5
R5
Write 0 Batt-
Test
Osc Fail
1 ms
10 ms
100 ms
Seconds
10 Second
Minute
Backed Mode
Mode
Single Supply
Flag
Flag
Flag
Flag
Flag
Flag
Write 1 Single
Supply Mode
5 Reset by
positive edge
of read
Time Save Control Register
PS e 0RS e 0 Address e 04H
Time Save
NA
RAM
RAM
RAM
RAM
RAM
RAM
All Bits RW
Enable
Real Time Mode Register
PS e 0RS e 1
Address e 01H
RAM
RAM
RAM
Interrupt EN
Clock
1224 Hr
Leap Year
Leap Year
All Bits RW
on Back-Up
StartStop
Mode
MSB
LSB
Output Mode Register
PS e 0RS e 1
Address e 02H
MFO as
RAM
RAM
RAM
RAM
RAM
RAM
RAM
All Bits RW
Crystal
Interrupt Control Register 0
PS e 0RS e 1
Address e 03H
1 ms
10 ms
100 ms
Seconds
10 Second
Minute
RAM
RAM
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
All Bits RW
Enable
Enable
Enable
Enable
Enable
Enable
Interrupt Control Register 1
PS e 0RS e 1
Address e 04H
Power Fail
Alarm
DOW
Month
DOM
Hours
Minute
Second
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
Interrupt
All Bits RW
Enable
Enable
Enable
Enable
Enable
Enable
Enable
Enable
Application Hints
Suggested Initialization Procedure for DP8573A in Bat-
tery Backed Applications that use the VBB Pin
1
Enter the test mode by writinga1tobit D7 in the Period-
ic Flag Register
2
Write zero to the RAMTEST mode Register located in
page 0 address HEX 1F
3
Leave the test mode by writinga0tobit D7 in the Peri-
odic Flag Register Steps 1 2 3 guarantee that if the
test mode had been entered during power on (due to
random pulses from the system) all test mode condi-
tions are cleared Most important is that the OSC Fail
Disable bit is cleared Refer to AN-589 for more informa-
tion on test mode operation
4
Enter a software loop that does the following
Set a 3 second(approx) software counter The crystal
oscillator may take 1 second to start
41 Writea1tobit D3 in the Real Time Mode Register (try
to start the clock) Under normal operation this bit can
be set only if the oscillator is running During the soft-
ware loop RAM real time counters output configura-
tion interrupt control and timer functions may be initial-
ized
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com