Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8349 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8349
Description  700 MHz to 2700 MHz Quadrature Modulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8349 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8349 Datasheet HTML 17Page - Analog Devices AD8349 Datasheet HTML 18Page - Analog Devices AD8349 Datasheet HTML 19Page - Analog Devices AD8349 Datasheet HTML 20Page - Analog Devices AD8349 Datasheet HTML 21Page - Analog Devices AD8349 Datasheet HTML 22Page - Analog Devices AD8349 Datasheet HTML 23Page - Analog Devices AD8349 Datasheet HTML 24Page - Analog Devices AD8349 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8349
Rev. 0 | Page 21 of 28
APPLICATIONS
3GPP WCDMA SINGLE-CARRIER APPLICATION
The interpolation filter used for the measurement of WCDMA
performance is shown in Figure 57. This third order Bessel filter
has a 3 dB bandwidth of 12 MHz. While the 3GPP single
channel bandwidth is only 3.84 MHz, this wide 3 dB bandwidth
of 12 MHz was driven by the need for a flat group delay out to
at least half the bandwidth of the baseband signal. Figure 58
shows a plot of a WCDMA spectrum at 2140 MHz using the
3 GPP Test Model 1 (64 channels active). At an output power of
–17.3 dBm, an adjacent channel power ratio (ACPR) just shy of
–69 dBc was measured.
Figure 59 shows the variation in ACPR with output power at
1960 MHz and 2140 MHz. It also shows the noise floor
measured at an offset of 30 MHz from the center of the
modulated WCDMA signal. From the graphs, it can be seen that
there is an optimal output power at which to operate that
delivers the best ACPR. If the output power is increased beyond
that point, the ACPR degrades as the result of increased
distortion. Below that optimum, the ACPR degrades due to a
reduction in the signal-to-noise ratio of the signal.
680nH
680nH
100pF
40.2
Ω
40.2
Ω
240
Ω
73
72
1
2
IOUTB1
IOUTA1
IBBN
IBBP
AD9777
AD8349
270pF
680nH
680nH
100pF
40.2
Ω
40.2
Ω
240
Ω
69
68
16
15
IOUTB2
IOUTA2
QBBN
QBBP
270pF
Figure 57. Single-Carrier WCDMA Application Circuit
(DAC-Modulator Interconnect)
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–33
CENTER 2.14GHz
SPAN 24.6848MHz
CH PWR = –17.3dBm
ADJ CPR = –68.7dB
ALT CPR = –72.7dB
ALT
LO
ADJ
LO
CH
ADJ
UP
ALT
UP
Figure 58. Single-Carrier WCDMA Spectral Plot at 2140 MHz,
including ACPR and Alternate Channel Power Ratio
–72
–70
–68
–69
–71
–66
–67
–64
–65
–63
–62
–157
–151
–149
–150
–147
–148
–156
–154
–155
–152
–153
–26
–24
–22
–20
–18
–14
–16
–12
–10
–8
1960 ACPR
CHANNEL POWER (dBm)
2140 ACPR
1960 NOISE
2140 NOISE
Figure 59. Single-Carrier WCDMA ACPR and Noise Floor (dBm/Hz) at 30 MHz
Carrier Offset vs. Channel Power at 1960 MHz and 2140 MHz
(Test Model 1 with 64 Active Channels)
WCDMA MULTICARRIER APPLICATION
The high dynamic range of the AD8349 also permits use in
multicarrier WCDMA applications.
Figure 60 shows a 4-carrier WCDMA spectrum at 1960 MHz.
At a per-carrier power of –23 dBm, an ACPR of –60.7 dB is
achieved. Figure 61 shows the variation in ACP and noise floor
(dBc/Hz) with output power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com