Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z560-R1 Datasheet(PDF) 30 Page - Texas Instruments

Part # BQ28Z560-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560-R1 Datasheet(HTML) 30 Page - Texas Instruments

Back Button BQ28Z560-R1_14 Datasheet HTML 26Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 27Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 28Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 29Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 30Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 31Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 32Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 33Page - Texas Instruments BQ28Z560-R1_14 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 61 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
RSVD = Reserved. Default = 0.
SOC1_EN = Enables alert for State-of-Charge-Threshold 1 (SOC1 Set) reached. True when set. Default is 1.
OCC_EN = Enables alert for Over Current Charge Condition when set to 1. Default is 0.
OCD_EN= Enables alert for Over Current DISCHARGE Condition when set to 1. Default is 0.
BatAlertStatus(): 0x6C/0x6D
The BatAlertStatus() register allows reading the safety conditions that triggered the alert. If the Pack
Configuration [CLR_READ] is set to 1, BatAlertStatus() will be reset, and the alert assertion removed
immediately. Otherwise, the BatAlertStatus() flags will clear only after the safety flag has reset, and the alert
assertion clears once all flags in BatAlertStatus() have cleared.
Table 10. BatAlertStatus() Definitions
High Byte
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
BatAlertStatus()
UTC
UTD
RSVD
RSVD
RSVD
RSVD
RSVD
RSVD
Low Byte
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
BatAlertStatus()
OTC
OTD
BATHI
BATLO
RSVD
SOC1
OCC
OCD
The following functions can be detected for fault conditions when set in the BatAlert Configuration register. The
fault can be indicated on Alert pin (if configured) but not differentiated because of the OR logic.
UTC = Detected Under Temperature Charge Current when set to 1.
UTD = Detected Under Temperature Discharge Current when set to 1.
RSVD = Reserved. Default = 0.
OTC = Detected Over Temperature Charge Current when set to 1.
OTD = Detected Over Temperature Discharge Current when set to 1.
BATHI= Detected Battery High Condition when set to 1.
BATLO = Detected Battery Low Condition when set to 1.
RSVD = Reserved. Default = 0.
SOC1 = Detected State-of-Charge-Threshold 1 (SOC1 Set) reached.
OCC = Detected Over Current Charge Condition when set to 1.
OCD= Detected Over Current DISCHARGE Condition when set to 1.
Reserved – 0x6E–0x7F
30
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com