Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28550DRZR-R1 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZR-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZR-R1 Datasheet(HTML) 2 Page - Texas Instruments

  BQ28550DRZR-R1 Datasheet HTML 1Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 2Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 3Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 4Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 5Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 6Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 7Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 8Page - Texas Instruments BQ28550DRZR-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
www.ti.com
Table of Contents
Cell Voltage) Characteristics...................................... 8
1
Features .................................................................. 1
6.13
Electrical Characteristics: Data Flash Memory
2
Applications ........................................................... 1
Characteristics ........................................................... 8
3
Description ............................................................. 1
6.14
Electrical Characteristics: Serial Communication
4
Revision History..................................................... 2
Timing Characteristics................................................ 8
5
Pin Configuration and Functions ......................... 3
7
Detailed Description ............................................ 10
6
Specifications......................................................... 4
7.1
Overview ................................................................. 10
6.1
Absolute Maximum Ratings ..................................... 4
7.2
Data Acquisition ...................................................... 10
6.2
Handling Ratings ...................................................... 4
7.3
Over-Temperature Indication .................................. 11
6.3
Recommended Operating Conditions ....................... 4
7.4
Gas Gauging ........................................................... 11
6.4
Thermal Information .................................................. 5
7.5
Protection ................................................................ 11
6.5
Electrical Characteristics: Battery Protection ............ 5
7.6
Feature Description................................................. 17
6.6
Electrical Characteristics: Voltage Regulator............ 6
8
Application and Implementation ........................ 30
6.7
Electrical Characteristics: Power-On Reset .............. 7
8.1
Typical Application .................................................. 30
6.8
Electrical Characteristics: Internal Temperature
9
Device and Documentation Support.................. 33
Sensor Characteristics ............................................... 7
9.1
Related Documentation........................................... 33
6.9
Electrical Characteristics: High Frequency
9.2
Trademarks ............................................................. 33
Oscillator .................................................................... 7
9.3
Electrostatic Discharge Caution .............................. 33
6.10
Electrical Characteristics: Low Frequency
9.4
Glossary .................................................................. 33
Oscillator .................................................................... 7
6.11
Electrical Characteristics: Integrating ADC
10
Mechanical, Packaging, and Orderable
(Coulomb Counter) Characteristics............................ 7
Information ........................................................... 34
6.12
Electrical Characteristics: ADC (Temperature and
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (October 2012) to Revision A
Page
•
Changed the document format per updated Texas Instruments data sheet standards ........................................................ 1
•
Deleted Ordering Information Table ...................................................................................................................................... 1
2
Submit Documentation Feedback
Copyright © 2012–2014, Texas Instruments Incorporated
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com