Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28Z560DRZT-R1 Datasheet(PDF) 40 Page - Texas Instruments

Part # BQ28Z560DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28Z560DRZT-R1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button BQ28Z560DRZT-R1 Datasheet HTML 36Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 37Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 38Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 39Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 40Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 41Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 42Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 43Page - Texas Instruments BQ28Z560DRZT-R1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
bq28z560-R1
SLUSBD3 – APRIL 2013
www.ti.com
DATA FLASH SUMMARY
Table 20 provides a summary of data flash locations available to the user, including their default, minimum, and
maximum values.
Table 20. Data Flash Summary
Units
Subclass
Data
Class
Subclass
Offset
Name
Min Value
Max Value
Default Value
(EVSW
ID
Type
Units)*
Configuration
1
Safety Current
0
OC Chg
I2
0
20000
6000
mA
Configuration
1
Safety Current
2
OC Chg Time
U1
0
60
2
s
Configuration
1
Safety Current
3
OC Chg Recovery
I2
0
20000
200
mA
Configuration
1
Safety Current
5
OC Dsg
I2
–20000
0
–6000
mA
Configuration
1
Safety Current
7
OC Dsg Time
U1
0
60
2
s
Configuration
1
Safety Current
8
OC Dsg Recovery
I2
–20000
0
–200
mA
Configuration
1
Safety Current
10
Current Recovery Time
U1
0
255
8
s
Configuration
2
Safety Temperature
0
OT Chg
I2
0
1200
550
0.1°C
Configuration
2
Safety Temperature
2
OT Chg Time
U1
0
60
2
s
Configuration
2
Safety Temperature
3
OT Chg Recovery
I2
0
1200
500
0.1°C
Configuration
2
Safety Temperature
5
OT Dsg
I2
0
1200
600
0.1°C
Configuration
2
Safety Temperature
7
OT Dsg Time
U1
0
60
2
s
Configuration
2
Safety Temperature
8
OT Dsg Recovery
I2
0
1200
550
0.1°C
Configuration
2
Safety Temperature
10
UT Chg
I2
-400
1200
0
0.1°C
Configuration
2
Safety Temperature
12
UT Chg Time
U1
0
60
2
s
Configuration
2
Safety Temperature
13
UT Chg Recovery
I2
-400
1200
50
0.1°C
Configuration
2
Safety Temperature
15
UT Dsg
I2
-400
1200
0
0.1°C
Configuration
2
Safety Temperature
17
UT Dsg Time
U1
0
60
2
s
Configuration
2
Safety Temperature
18
UT Dsg Recovery
I2
-400
1200
50
0.1°C
Configuration
32
Charge Inhibit Cfg
0
Chg Inhibit Temp Low
I2
–400
1200
0
0.1°C
Configuration
32
Charge Inhibit Cfg
2
Chg Inhibit Temp High
I2
–400
1200
450
0.1°C
Configuration
32
Charge Inhibit Cfg
4
Temp Hys
I2
0
100
50
0.1°C
Configuration
33
Pre-Charge
0
Pre-Charge Voltage
I2
0
4600
3000
mV
Configuration
33
Pre-Charge
2
Pre-Charge Current
I2
0
32767
150
mA
Configuration
36
Charge Termination
0
Taper Current
I2
0
1000
100
mA
Configuration
36
Charge Termination
2
Min Taper Capacity
I2
0
1000
25
mAh
Configuration
36
Charge Termination
4
Taper Voltage
I2
0
1000
100
mV
Configuration
36
Charge Termination
6
Current Taper Window
U1
0
60
40
s
Configuration
36
Charge Termination
7
TCA Set %
I1
–1
100
99
%
Configuration
36
Charge Termination
8
TCA Clear %
I1
–1
100
95
%
Configuration
36
Charge Termination
9
FC Set %
I1
–1
100
100
%
Configuration
36
Charge Termination
10
FC Clear %
I1
–1
100
98
%
Configuration
36
Charge Termination
11
DODatEOC Delta T
I2
0
1000
100
0.1°C
Configuration
48
Data
0
Rem Cap Alarm
I2
0
700
100
mA
Configuration
48
Data
8
Initial Standby
I1
–256
0
–10
mA
Configuration
48
Data
9
Initial MaxLoad
I2
–32767
0
–500
mA
Configuration
48
Data
17
Cycle Count
U2
0
65535
0
num
Configuration
48
Data
19
CC Threshold
I2
100
32767
900
mAh
Configuration
48
Data
23
Design Capacity
I2
0
32767
1000
mA
Configuration
48
Data
25
Design Energy
I2
0
32767
5400
mWh/cWh
Configuration
48
Data
27
SOH Load I
I2
–32767
0
–400
mA
Configuration
48
Data
29
TDD SOH Percent
I1
0
100
90
%
Configuration
48
Data
30
TA CV T1-T2
U1
0
225
120
10 mV
Configuration
48
Data
31
TA CV T2-T3
U1
0
225
120
10 mV
Configuration
48
Data
32
TA CV T3-T4
U1
0
225
110
10 mV
Configuration
48
Data
33
TA CC T1-T2
U1
0
100
10
%
Configuration
48
Data
34
TA CC T2-T3
U1
0
100
50
%
Configuration
48
Data
35
TA CC T3-T4
U1
0
100
30
%
Configuration
48
Data
36
JEITA T1
I1
–128
127
0
°C
Configuration
48
Data
37
JEITA T2
I1
–128
127
10
°C
40
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: bq28z560-R1
Not Recommended For New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com