Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ28550DRZT-R1 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # BQ28550DRZT-R1
Description  Single Cell Li-Ion Battery Gas Gauge
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ28550DRZT-R1 Datasheet(HTML) 21 Page - Texas Instruments

Back Button BQ28550DRZT-R1 Datasheet HTML 17Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 18Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 19Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 20Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 21Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 22Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 23Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 24Page - Texas Instruments BQ28550DRZT-R1 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Not Recommended for New Designs
bq28550-R1
www.ti.com
SLUSAS4A – OCTOBER 2012 – REVISED SEPTEMBER 2014
NOTE
When the battery is connected for the first time, discharging may not be enabled. For this
case, the following procedure is required:
Short the VM pin and Vss pin, or
Connect the charger to the system such that the IC returns to normal status.
7.6.5.2 SLEEP Mode
SLEEP mode is entered automatically if the feature is enabled (Operation Configuration [SLEEP]) = 1) and
AverageCurrent() is below the programmable level Sleep Current. Once entry into SLEEP mode has been
qualified, but prior to entering it, the bq28550-R1 device performs an ADC auto-calibration to minimize offset.
While in SLEEP mode, the gas gauge can suspend serial communications as much as 4 ms by holding the
comm line(s) low. This delay is necessary to correctly process host communication, because the gas gauge
processor is mostly halted in SLEEP mode.
During SLEEP mode, the bq28550-R1 device periodically takes data measurements and updates its data set.
However, a majority of its time is spent in an idle condition. The bq28550-R1 device exits SLEEP if any entry
condition is broken, specifically when (1) AverageCurrent() rises above Sleep Current, or (2) a current in excess
of IWAKE through RSENSE is detected.
7.6.5.3 FULLSLEEP Mode
FULLSLEEP mode is entered automatically if the feature is enabled by setting the Configuration [FULLSLEEP]
bit in the Control Status register when the bq28550-R1 device is in SLEEP mode. The gauge exits FULLSLEEP
mode when there is any communication activity. Therefore, the execution of SET_FULLSLEEP sets the
[FULLSLEEP] bit, but EVSW might still display the bit clear. FULLSLEEP mode can be verified by measuring the
current consumption of the gauge. In this mode, the high frequency oscillator is turned off. The power
consumption is further reduced in this mode compared to the SLEEP mode.
FULLSLEEP mode can also be entered by setting the Full Sleep Wait Time to be a number larger than 0.
FULLSLEEP will be entered when the timer counts down to 0. This feature is disabled when the data flash is set
as 0.
During FULLSLEEP mode, the bq28550-R1 device periodically takes data measurements and updates its data
set. However, a majority of its time is spent in an idle condition.
The bq28550-R1 device exits SLEEP if any entry condition is broken, specifically when (1) AverageCurrent()
rises above Sleep Current, or (2) a current in excess of IWAKE through RSENSE is detected.
While in FULLSLEEP mode, the gas gauge can suspend serial communications as much as 4 ms by holding the
comm line(s) low. This delay is necessary to correctly process host communication, because the gas gauge
processor is mostly halted in SLEEP mode.
7.6.5.3.1
Clearing FULLSLEEP Mode
FULLSLEEP mode will stay on permanently if Full Sleep Wait Time is not set to 0.
Clearing FULLSLEEP mode:
If Full Sleep Wait Time is set to 0, the CLEAR condition clears the flag. If it is not set to 0, the CLEAR
condition resets the timer.
The CLEAR condition determines that there is I2C™ communication while FULLSLEEP is active. I2C
communication while not in FULLSLEEP will NOT clear the flag. This means if there is current flowing when
the FULLSLEEP command is sent, there is no way to clear it until after the device enters SLEEP mode.
7.6.5.4 HIBERNATE Mode
HIBERNATE mode should be used when the host system needs to enter a low-power state, and minimal gauge
power consumption is required. This mode is ideal when the host is set to its own HIBERNATE, SHUTDOWN, or
OFF modes. The gas gauge can enter HIBERNATE due to either low cell voltage or low load current.
HIBERNATE due to the load current—If the gas gauge enters HIBERNATE mode due to the load current, the
[HIBERNATE] bit of the CONTROL_STATUS register must be set. The gauge waits to enter HIBERNATE
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: bq28550-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com