Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8034AR Datasheet(PDF) 3 Page - Analog Devices

Part # AD8034AR
Description  Low Cost, 80 MHz FastFET ??Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8034AR Datasheet(HTML) 3 Page - Analog Devices

  AD8034AR Datasheet HTML 1Page - Analog Devices AD8034AR Datasheet HTML 2Page - Analog Devices AD8034AR Datasheet HTML 3Page - Analog Devices AD8034AR Datasheet HTML 4Page - Analog Devices AD8034AR Datasheet HTML 5Page - Analog Devices AD8034AR Datasheet HTML 6Page - Analog Devices AD8034AR Datasheet HTML 7Page - Analog Devices AD8034AR Datasheet HTML 8Page - Analog Devices AD8034AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
REV. B
AD8033/AD8034
–3–
SPECIFICATIONS
Parameter
Conditions
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
–3 dB Bandwidth
G = +1, VO = 0.2 V p-p
70
80
MHz
G = +2, VO = 0.2 V p-p
32
MHz
G = +2, VO = 2 V p-p
21
MHz
Input Overdrive Recovery Time
–3 V to +3 V Input
180
ns
Output Overdrive Recovery Time
–1.5 V to +1.5 V Input, G = +2
200
ns
Slew Rate (25% to 75%)
G = +2, VO = 4 V Step
55
70
V/
µs
Settling Time to 0.1%
G = +2, VO = 2 V Step
100
ns
NOISE/HARMONIC PERFORMANCE
Distortion
fC = 1 MHz, VO = 2 V p-p
Second Harmonic
RL = 500
Ω
–80
dBc
RL = 1 k
Ω
–84
dBc
Third Harmonic
RL = 500
Ω
–70
dBc
RL = 1 k
Ω
–80
dBc
Crosstalk, Output to Output
f = 1 MHz, G = +2
–86
dB
Input Voltage Noise
f = 100 kHz
11
nV/
√Hz
Input Current Noise
f = 100 kHz
0.7
fA/
√Hz
DC PERFORMANCE
Input Offset Voltage
VCM = 0 V
1
2.0
mV
TMIN – TMAX
3.5
mV
Input Offset Voltage Match
2.5
mV
Input Offset Voltage Drift
4
30
µV/oC
Input Bias Current
110
pA
TMIN – TMAX
50
pA
Open-Loop Gain
VO = 0 V to 3 V
87
92
dB
INPUT CHARACTERISTICS
Common-Mode Input Impedance
1000
||2.3
G
Ω||pF
Differential Input Impedance
1000
||1.7
G
Ω||pF
Input Common-Mode Voltage Range
FET Input Range
0 to 2.0
V
Usable Input Range
0 to 5.0
V
Common-Mode Rejection Ratio
VCM = 1.0 V to 2.5 V
–80
–100
dB
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 1 k
Ω
0.16 to 4.83
0.04 to 4.95
V
Output Short Circuit Current
30
mA
Capacitive Load Drive
30% Overshoot, G = +1,
25
pF
VO = 400 mV p-p
POWER SUPPLY
Operating Range
5
24
V
Quiescent Current per Amplifier
3.3
3.5
mA
Power Supply Rejection Ratio
VS =
±1 V
–80
–100
dB
Specifications subject to change without notice.
(TA = 25 C, VS = 5 V, RL = 1 k , Gain = +2, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com