Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ78350DBT-R1 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # BQ78350DBT-R1
Description  Battery Management Controller Companion
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ78350DBT-R1 Datasheet(HTML) 4 Page - Texas Instruments

  BQ78350DBT-R1 Datasheet HTML 1Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 2Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 3Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 4Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 5Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ78350DBT-R1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
bq78350-R1
SLUSCD0 – AUGUST 2015
www.ti.com
Pin Functions (continued)
PIN
I/O(1)
DESCRIPTION
NO.
NAME
10
SAFE
O
Active high output to enforce an additional level of safety protection (for example, fuse blow)
SMBus data open-drain bidirectional pin used to transfer an address and data to and from the
11
SMBD
I/OD
bq78350-R1
Active high voltage translation enable. This open drain signal is used to switch the input voltage
12
VEN
O
divider on/off to reduce the power consumption of the BAT translation divider network.
SMBus clock open-drain bidirectional pin used to clock the data transfer to and from the bq78350-
13
SMBC
I/OD
R1
Display control for the LEDs. This pin is typically connected to bq78350-R1 REGOUT via a 100-
14
DISP
I
K
Ω resistor and a push-button switch connect to VSS. Not used with LCD display enabled and can
be tied to VSS.
15
PWRM
O
Power mode state indicator open drain output
LED1/LCD1 display segment that drives an external LED/LCD, depending on the firmware
16
LED1
O
configuration
LED2/LCD2 display segment that drives an external LED/LCD, depending on the firmware
17
LED2
O
configuration
LED3/LCD3 display segment that drives an external LED/LCD, depending on the firmware
18
LED3
O
configuration
LED4/LCD4 display segment that drives an external LED/LCD, depending on the firmware
19
LED4
O
configuration
LED5/LCD5 display segment that drives an external LED/LCD, depending on the firmware
20
LED5
O
configuration
21
GPIO A
I/O
Configurable Input or Output. If not used, tie to VSS.
22
VSS
Negative supply voltage
23
VSS
Negative supply voltage
Master reset input that forces the device into reset when held low. This pin must be held high for
24
MRST
I
normal operation.
25
VSS
Negative supply voltage
26
VCC
P
Positive supply voltage
RAM backup input. Connect a capacitor to this pin and VSS to protect loss of RAM data in case of
27
RBI
P
short circuit condition.
28
GPIO B
I/O
Configurable Input or Output. If not used, tie to VSS.
29
ADREN
O
Optional digital signal enables address detection measurement to reduce power consumption.
30
SMBA
IA
Optional SMBus address detection input. If this pin is not used, then it should be tied to VSS.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: bq78350-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com