| Electronic Components Datasheet Search |
|
BQ78350DBTR-R1 Datasheet(PDF) 11 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
BQ78350DBTR-R1 Datasheet(HTML) 11 Page - Texas Instruments |
|
11 / 32 page ![]() bq78350-R1 www.ti.com SLUSCD0 – AUGUST 2015 Feature Description (continued) 9.3.2 Secondary (2nd Level) Safety Features The secondary safety features of the bq78350-R1 can be used to indicate more serious faults via the SAFE pin. This pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or discharging. The secondary safety protection features include: • Safety overvoltage • Safety undervoltage • Safety overcurrent in charge and discharge • Safety overtemperature in charge and discharge • Charge FET and Precharge FET fault • Discharge FET fault • Cell imbalance detection • Open thermistor detection • AFE communication fault 9.3.3 Charge Control Features The bq78350-R1 charge control features include: • Provides a range of options to configure the charging algorithm and its actions based on the application requirements • Reports the appropriate charging current needed for constant current charging, and the appropriate charging voltage needed for constant voltage charging • Supports pre-charging/0-volt charging • Supports charge inhibit and charge suspend if battery pack temperature is out of temperature range 9.3.4 Fuel Gauging The bq78350-R1 uses Compensated End-of-Discharge Voltage (CEDV) technology to measure and calculate the available charge in battery cells. The bq78350-R1 accumulates a measure of charge and discharge currents and compensates the charge current measurement for the temperature and state-of-charge of the battery. The bq78350-R1 estimates self-discharge of the battery and also adjusts the self-discharge estimation based on temperature. 9.3.5 Lifetime Data Logging The bq78350-R1 offers lifetime data logging, where important measurements are stored for warranty and analysis purposes. The data monitored includes: • Lifetime maximum temperature • Lifetime minimum temperature • Lifetime maximum battery cell voltage per cell • Lifetime minimum battery cell voltage per cell • Cycle count • Maximum charge current • Maximum discharge current • Safety events that trigger SafetyStatus() updates. (The 12 most common are tracked.) 9.3.6 Authentication The bq78350-R1 supports authentication by the host using SHA-1. 9.3.7 Battery Parameter Measurements The bq78350-R1 digitally reads bq769x0 registers containing recent values from the integrating analog-to-digital converter (CC) for current measurement and a second delta-sigma ADC for individual cell and temperature measurements. Copyright © 2015, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Links: bq78350-R1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |