Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9864BCPZRL Datasheet(PDF) 23 Page - Analog Devices

Part # AD9864BCPZRL
Description  IF Digitizing Subsystem
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9864BCPZRL Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9864BCPZRL Datasheet HTML 19Page - Analog Devices AD9864BCPZRL Datasheet HTML 20Page - Analog Devices AD9864BCPZRL Datasheet HTML 21Page - Analog Devices AD9864BCPZRL Datasheet HTML 22Page - Analog Devices AD9864BCPZRL Datasheet HTML 23Page - Analog Devices AD9864BCPZRL Datasheet HTML 24Page - Analog Devices AD9864BCPZRL Datasheet HTML 25Page - Analog Devices AD9864BCPZRL Datasheet HTML 26Page - Analog Devices AD9864BCPZRL Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
AD9864
Rev. 0 | Page 23 of 44
POWER CONTROL
To allow power consumption to be minimized, the AD9864
possesses numerous SPI programmable power-down and bias
control bits. The AD9864 powers up with all of its functional
blocks placed into a standby state, i.e., STBY register default is
0xFF. Each major block may then be powered up by writing a 0
to the appropriate bit of the STBY register. This scheme pro-
vides the greatest flexibility for configuring the IC to a specific
application as well as for tailoring the IC’s power-down and
wake-up characteristics. Table 11 summarizes the function of
each of the STBY bits. Note that when all the blocks are in
standby, the master reference circuit is also put into standby,
and thus the current is reduced further by 0.4 mA.
Table 11. Standby Control Bits
STBY Bit
Effect
Current
Reduction
(mA)1
Wake-Up
Time (ms)
7: REF
Voltage reference OFF;
all biasing shut down.
0.6
<0.1 (CREF
= 4.7 nF)
6: LO
LO synthesizer OFF,
IOUTL three-state.
1.2
Note 2
5: CKO
Clock oscillator OFF.
1.1
Note 2
4: CK
Clock synthesizer OFF,
IOUTC three-state. Clock
buffer OFF if ADC is OFF.
1.3
Note 2
3: GC
Gain control DAC OFF.
GCP and GCN three-
state.
0.2
Depends
on CGC
2: LNAMX
LNA and Mizer OFF.
CXVM, CXVL, and CXIF
three-state.
8.2
<2.2
1: Unused
0: ADC
ADC OFF; Clock buffer
OFF if CLK synthesizer
OFF; VCM three-state;
clock to the digital filter
halted; digital outputs
static.
9.2
<0.1
NOTES
1When all blocks are in standby, the master reference circuit is also put into
standby, and thus the current is further reduced by 0.4 mA.
2Wake-up time is dependent on programming and/or external components.
LO SYNTHESIZER
The LO synthesizer shown in Figure 38 is a fully programmable
phase-locked loop (PLL) capable of 6.25 kHz resolution at
input frequencies up to 300 MHz and reference clocks of up to
25 MHz. It consists of a low noise digital phase-frequency
detector (PFD), a variable output current charge pump (CP), a
14-bit reference divider, programmable A and B counters, and
a dual-modulus 8/9 prescaler.
The A (3-bit) and B (13-bit) counters, in conjunction with the
dual 8/9 modulus prescaler, implement an N divider with N = 8
× B + A. In addition, the 14-bit reference counter (R Counter)
allows selectable input reference frequencies, fREF, at the PFD
input. A complete PLL can be implemented if the synthesizer is used
with an external loop filter and voltage controlled oscillator (VCO).
The A, B, and R counters can be programmed via the following
registers: LOA, LOB, and LOR. The charge pump output
current is programmable via the LOI register from 0.625 mA to
5.0 mA using the equation
(
)
mA
LOI
IPUMP
625
.
0
1 ×
+
=
(2)
An on-chip fast acquire function (enabled by the LOF bit)
automatically increases the output current for faster settling
during channel changes. The synthesizer may also be disabled
using the LO standby bit located in the STBY register.
fREF
fREF
fLO
fLO
FROM
VCO
REF
BUFFER
÷R
PHASE/
FREQUENCY
DETECTOR
FAST
ACQUIRE
CHARGE
PUMP
TO EXTERNAL
LOOP
FILTER
LO
BUFFER
÷8/9
A. B
COUNTERS
LOR
LOA, LOB
Figure 38. LO Synthesizer
The LO (and CLK) synthesizer works in the following manner.
The externally supplied reference frequency, fREF, is buffered
and divided by the value held in the R counter. The internal fREF
is then compared to a divided version of the VCO frequency,
fLO. The phase/frequency detector provides UP and DOWN
pulses whose widths vary, depending upon the difference in
phase and frequency of the detector’s input signals. The
UP/DOWN pulses control the charge pump, making current
available to charge the external low-pass loop filter when there
is a discrepancy between the inputs of the PFD. The output of
the low-pass filter feeds an external VCO whose output fre-
quency, fLO, is driven such that its divided down version, fLO,
matches that of fREF, thus closing the feedback loop.
The synthesized frequency is related to the reference frequency
and the LO register contents as follows:
(
)
REF
LO
f
LOR
LOA
LOB
f
×
+
×
=
/
8
(3)
Note that the minimum allowable value in the LOB register is 3
and its value must always be greater than that loaded into LOA.
An example may help illustrate how the values of LOA, LOB, and
LOR can be selected. Consider an application employing a 13
MHz crystal oscillator, i.e., fREF = 13 MHz, with the requirement
that fREF = 100 kHz and fLO = 143 MHz, i.e., high side injection
with fIF = 140.75 MHz and fCLK = 18 MSPS. LOR is selected to be
130 such that fREF = 100 kHz. The N-divider factor is 1430, which
can be realized by selecting LOB = 178 and LOA = 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com