Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83902AV Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AV
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AV Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP83902AV Datasheet HTML 20Page - National Semiconductor (TI) DP83902AV Datasheet HTML 21Page - National Semiconductor (TI) DP83902AV Datasheet HTML 22Page - National Semiconductor (TI) DP83902AV Datasheet HTML 23Page - National Semiconductor (TI) DP83902AV Datasheet HTML 24Page - National Semiconductor (TI) DP83902AV Datasheet HTML 25Page - National Semiconductor (TI) DP83902AV Datasheet HTML 26Page - National Semiconductor (TI) DP83902AV Datasheet HTML 27Page - National Semiconductor (TI) DP83902AV Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
100 Internal Registers
All registers are 8-bit wide and mapped into four pages
which are selected in the Command Register (PS0 PS1)
Pins RA0 – RA3 are used to address registers within each
page Page 0 registers are those registers which are com-
monly accessed during ST-NIC operation while page 1 reg-
isters are used primarily for initialization The registers are
partitioned to avoid having to perform two writeread cycles
to access commonly used registers
101 REGISTER ADDRESS MAPPING
TLF11157 – 18
102 REGISTER ADDRESS ASSIGNMENTS
Page 0 Address Assignments (PS1 e 0 PS0 e 0)
RA0 – RA3
RD
WR
00H
Command (CR)
Command (CR)
01H
Current Local DMA
Page Start Register
Address 0 (CLDA0)
(PSTART)
02H
Current Local DMA
Page Stop Register
Address 1 (CLDA1)
(PSTOP)
03H
Boundary Pointer
Boundary Pointer
(BNRY)
(BNRY)
04H
Transmit Status
Transmit Page Start
Register (TSR)
Address (TPSR)
05H
Number of Collisions
Transmit Byte Count
Register (NCR)
Register 0 (TBCR0)
06H
FIFO (FIFO)
Transmit Byte Count
Register 1 (TBCR1)
07H
Interrupt Status
Interrupt Status
Register (ISR)
Register (ISR)
08H
Current Remote DMA Remote Start Address
Address 0 (CRDA0)
Register 0 (RSAR0)
RA0 – RA3
RD
WR
09H
Current Remote DMA Remote Start Address
Address 1 (CRDA1)
Register 1 (RSAR1)
0AH
Reserved
Remote Byte Count
Register 0 (RBCR0)
0BH
Reserved
Remote Byte Count
Register 1 (RBCR1)
0CH
Receive Status
Receive Configuration
Register (RSR)
Register (RCR)
0DH
Tally Counter 0
Transmit Configuration
(Frame Alignment
Register (TCR)
Errors) (CNTR0)
0EH
Tally Counter 1
Data Configuration
(CRC Errors)
Register (DCR)
(CNTR1)
0FH
Tally Counter 2
Interrupt Mask
Missed Packet
Register (IMR)
Errors) (CNTR2)
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com