Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9985 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9985
Description  110 MSPS/140 MSPS Analog Interface for Flat Panel Displays
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9985 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9985 Datasheet HTML 2Page - Analog Devices AD9985 Datasheet HTML 3Page - Analog Devices AD9985 Datasheet HTML 4Page - Analog Devices AD9985 Datasheet HTML 5Page - Analog Devices AD9985 Datasheet HTML 6Page - Analog Devices AD9985 Datasheet HTML 7Page - Analog Devices AD9985 Datasheet HTML 8Page - Analog Devices AD9985 Datasheet HTML 9Page - Analog Devices AD9985 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
AD9985
Rev. 0 | Page 6 of 32
AD9985BSTZ-110
Parameter
Temp
Test
Level
Min
Typ
Max
Unit
POWER SUPPLY
VD Supply Voltage
Full
IV
3.15
3.3
3.45
V
VDD Supply Voltage
Full
IV
2.2
3.3
3.45
V
PVD Supply Voltage
Full
IV
3.15
3.3
3.45
V
ID Supply Current (VD)
25°C
V
132
mA
IDD Supply Current (VDD) 2
25°C
V
19
mA
IPVD Supply Current (PVD)
25°C
V
8
mA
Total Power Dissipation
Full
VI
525
760
mW
Power-Down Supply Current
Full
VI
5
15
mA
Power-Down Dissipation
Full
VI
16.5
50
mW
DYNAMIC PERFORMANCE
Analog Bandwidth, Full Power
25°C
V
300
MHz
Transient Response
25°C
V
2
ns
Overvoltage Recovery Time
25°C
V
1.5
ns
Signal-to-Noise Ratio (SNR)
25°C
V
44
dB
(Without Harmonics)
Full
V
43
dB
fIN = 40.7 MHz
Crosstalk
Full
V
55
dBc
THERMAL CHARACTERISTICS
θJC Junction-to-Case
Thermal Resistance
V
16
°C/W
θJA Junction-to-Ambient
Thermal Resistance
V
35
°C/W
1 VCO range = 10, charge pump current = 110, PLL divider = 1693.
2 DATACK load = 15 pF, data load = 5 pF.
.
EXPLANATION OF TEST LEVELS
Test Level
I.
100% production tested.
II.
100% production tested at 25°C and sample tested at specified temperatures.
III. Sample tested only.
IV. Parameter is guaranteed by design and characterization testing.
V. Parameter is a typical value only.
VI. 100% production tested at 25°C; guaranteed by design and characterization testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com