| Electronic Components Datasheet Search |
|
AD9883A/PCB Datasheet(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9883A/PCB Datasheet(HTML) 23 Page - Analog Devices |
|
23 / 28 page ![]() REV. B AD9883A –23– Data is read from the control registers of the AD9883A in a similar manner. Reading requires two data transfer operations: The base address must be written with the R/ W Bit of the slave address byte low to set up a sequential read operation. Reading (the R/ W Bit of the slave address byte high) begins at the previously established base address. The address of the read register autoincrements after each byte is transferred. To terminate a read/write sequence to the AD9883A, a stop signal must be sent. A stop signal comprises a low-to-high tran- sition of SDA while SCL is high. A repeated start signal occurs when the master device driving the serial interface generates a start signal without first generating a stop signal to terminate the current communication. This is used to change the mode of communication (read, write) between the slave and master without releasing the serial interface lines. Serial Interface Read/Write Examples Write to one control register ➥ Start Signal ➥ Slave Address Byte (R/W Bit = Low) ➥ Base Address Byte ➥ Data Byte to Base Address ➥ Stop Signal Write to four consecutive control registers ➥ Start Signal ➥ Slave Address Byte (R/W Bit = Low) ➥ Base Address Byte ➥ Data Byte to Base Address ➥ Data Byte to (Base Address + 1) ➥ Data Byte to (Base Address + 2) ➥ Data Byte to (Base Address + 3) ➥ Stop Signal Read from one control register ➥ Start Signal ➥ Slave Address Byte (R/W Bit = Low) ➥ Base Address Byte ➥ Start Signal ➥ Slave Address Byte (R/W Bit = High) ➥ Data Byte from Base Address ➥ Stop Signal Read from four consecutive control registers ➥ Start Signal ➥ Slave Address Byte (R/W Bit = Low) ➥ Base Address Byte ➥ Start Signal ➥ Slave Address Byte (R/W Bit = High) ➥ Data Byte from Base Address ➥ Data Byte from (Base Address + 1) ➥ Data Byte from (Base Address + 2) ➥ Data Byte from (Base Address + 3) ➥ Stop Signal BIT 7 ACK BIT 6 BIT 5 BIT 4 BIT 3 BIT 2 BIT 1 BIT 0 SDA SCL Figure 11. Serial Interface—Typical Byte Transfer SYNC STRIPPER ACTIVITY DETECT NEGATIVE PEAK CLAMP COMP SYNC SOG HSYNC IN ACTIVITY DETECT MUX 2 HSYNC OUT PIXEL CLOCK MUX 1 SYNC SEPARATOR INTEGRATOR VSYNC SOG OUT HSYNC OUT VSYNC OUT MUX 4 VSYNC IN 1/S PLL HSYNC ACTIVITY DETECT AD9883A CLOCK GENERATOR POLARITY DETECT POLARITY DETECT POLARITY DETECT MUX 3 COAST COAST Figure 12. Sync Processing Block Diagram |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |