Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS26LS31CM/NOPB Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DS26LS31CM/NOPB
Description  DS26LS31C/DS26LS31M Quad High Speed Differential Line Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS26LS31CM/NOPB Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS26LS31CM/NOPB Datasheet HTML 3Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 4Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 5Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 6Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 7Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 8Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 9Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 10Page - Texas Instruments DS26LS31CM/NOPB Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
16-Oct-2015
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
AM26LS31PC
NRND
PDIP
NFG
16
25
TBD
Call TI
Call TI
0 to 70
DS26LS31CN
AM26LS31PC
DS26LS31CM
LIFEBUY
SOIC
D
16
48
TBD
Call TI
Call TI
0 to 70
DS26LS31CM
DS26LS31CM/NOPB
ACTIVE
SOIC
D
16
48
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
DS26LS31CM
DS26LS31CMX
LIFEBUY
SOIC
D
16
2500
TBD
Call TI
Call TI
0 to 70
DS26LS31CM
DS26LS31CMX/NOPB
ACTIVE
SOIC
D
16
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
0 to 70
DS26LS31CM
DS26LS31CN
LIFEBUY
PDIP
NFG
16
25
TBD
Call TI
Call TI
0 to 70
DS26LS31CN
AM26LS31PC
DS26LS31CN/NOPB
ACTIVE
PDIP
NFG
16
25
Pb-Free
(RoHS)
CU SN
Level-1-NA-UNLIM
0 to 70
DS26LS31CN
AM26LS31PC
DS26LS31N
NRND
PDIP
NFG
16
25
TBD
Call TI
Call TI
0 to 70
DS26LS31CN
AM26LS31PC
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com