Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC101S101 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC101S101
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC101S101 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button ADC101S101 Datasheet HTML 2Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 3Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 4Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 5Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 6Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 7Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 8Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 9Page - National Semiconductor (TI) ADC101S101 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
ADC101S101 Converter Electrical Characteristics (Continued)
The following specifications apply for V
DD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted. Bold-
face limits apply for T
A = −40˚C to +85˚C: all other limits TA = 25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
DIGITAL OUTPUT CHARACTERISTICS
V
OL
Output Low Voltage
I
SINK = 200 µA
0.4
V (max)
I
OL
TRI-STATE Leakage Current
±10
µA (max)
C
OUT
TRI-STATE Output Capacitance
(Note 3)
2
4
pF (max)
Output Coding
Straight (Natural) Binary
AC ELECTRICAL CHARACTERISTICS
f
SCLK
Clock Frequency
20
MHz (max)
DC
SCLK Duty Cycle
40
60
% (min)
% (max)
t
TH
Track/Hold Acquisition Time
400
ns (max)
f
RATE
Throughput Rate
See Serial Interface Section
1
MSPS
(max)
t
AD
Aperture Delay
3
ns
t
AJ
Aperture Jitter
30
ps
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com