Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC081S101 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADC081S101
Description  1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081S101 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC081S101 Datasheet HTML 1Page - National Semiconductor (TI) ADC081S101 Datasheet HTML 2Page - National Semiconductor (TI) ADC081S101 Datasheet HTML 3Page - National Semiconductor (TI) ADC081S101 Datasheet HTML 4Page - National Semiconductor (TI) ADC081S101 Datasheet HTML 5Page - National Semiconductor (TI) ADC081S101 Datasheet HTML 6Page - National Semiconductor (TI) ADC081S101 Datasheet HTML 7Page - National Semiconductor (TI) ADC081S101 Datasheet HTML 8Page - National Semiconductor (TI) ADC081S101 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
ADC121S101/ADC101S101/ADC081S101
1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
General Description
The ADC121S101, ADC101S101, and ADC081S101 are low
power, monolithic CMOS 12-, 10- and 8-bit analog-to-digital
converters that operate at 1 MSPS. Each device is based on
a successive approximation register architecture with inter-
nal track-and-hold. The serial interface is compatible with
several standards, such as SPI™, QSPI™, MICROWIRE™,
and many common DSP serial interfaces.
The ADC121S101/101S101/081S101 uses the supply volt-
age as a reference. This enables the devices to operate with
a full-scale input range of 0 to V
DD. The conversion rate is
determined from the serial clock (SCLK) speed. These con-
verters offer a shutdown mode, which can be used to trade
throughput for power consumption. The ADC121S101/
101S101/081S101 are operated with a single supply that
can range from +2.7V to +5.25V. Normal power consumption
during continuous conversion, using a +3V or +5V supply, is
2 mW or 10 mW, respectively. The power down feature,
which is enabled by a chip select (CS) pin, reduces the
power consumption to under 5 µW using a +5V supply. All
three converters are available in a 6-lead SOT-23 package,
which provides an extremely small footprint for applications
where space is a critical consideration. The ADC081S101 is
also available in a 6-lead LLP package. These products are
designed for operation over the industrial temperature range
of −40˚C to +85˚C, with some parameters specified to
+125˚C for the ADC121S101.
Features
n
Variable power management
n
Packaged in 6-lead SOT-23 (ADC081S101 also
available in a 6-Lead LLP package)
n
Power supply used as reference
n
Single +2.7V to +5.25V supply operation
n
SPI™/QSPI™/MICROWIRE™/DSP compatible
Key Specifications
n
Resolution with no Missing Codes
12/10/8 bits
n
Conversion Rate
1 MSPS
n
DNL (ADC121S101)
+0.5, -0.3 LSB (typ)
n
INL (ADC121S101)
± 0.4 LSB (typ)
n
Power Consumption
— 3V Supply
2 mW (typ)
— 5V Supply
10 mW (typ)
Applications
n
Automotive Navigation
n
FA/ATM Equipment
n
Portable Systems
n
Medical Instruments
n
Mobile Communications
n
Instrumentation and Control Systems
Connection Diagram
20110201
MICROWIRE™ is a trademark of National Semiconductor Corporation.
TRI-STATE® is a trademark of National Semiconductor Corporation.
QSPI™ and SPI™ are trademarks of Motorola, Inc.
January 2005
© 2005 National Semiconductor Corporation
DS201102
www.national.com


Similar Part No. - ADC081S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081S101 NSC-ADC081S101 Datasheet
621Kb / 13P
Single Channel, 500 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC081S101 TI-ADC081S101 Datasheet
1Mb / 23P
Single Channel, 0.5 to 1 Msps, 12-Bit A/D Converter
ADC081S101 TI-ADC081S101 Datasheet
1Mb / 26P
ADC081S051 Single Channel, 200 to 500 ksps, 8-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 23P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
ADC081S101 TI1-ADC081S101 Datasheet
1Mb / 24P
ADC121S021 Single Channel, 50 to 200 ksps, 12-Bit A/D Converter
More results

Similar Description - ADC081S101

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476 Datasheet
514Kb / 22P
1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
logo
Analog Devices
AD7451 AD-AD7451 Datasheet
208Kb / 15P
Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
logo
National Semiconductor ...
ADCS7476 NSC-ADCS7476_07 Datasheet
499Kb / 24P
1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & LLP
logo
Analog Devices
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
logo
Texas Instruments
ADCS7476AIMF-NOPB TI1-ADCS7476AIMF-NOPB Datasheet
1Mb / 29P
ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
Analog Devices
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
logo
Texas Instruments
ADCS7476 TI1-ADCS7476_14 Datasheet
1Mb / 30P
ADCS7478 1MSPS, 12-/10-/8-Bit A/D Converters in SOT-23 & WSON
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com