Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7476 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # ADCS7476
Description  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7476 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  ADCS7476 Datasheet HTML 1Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 2Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 3Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 4Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 5Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 6Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 7Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 8Page - National Semiconductor (TI) ADCS7476 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADCS7476/ADCS7477/ADCS7478 Specifications(Note 2) (Continued)
ADCS7476 Converter Electrical Characteristics (Continued)
The following specifications apply for V
DD = +2.7V to 5.25V, fSCLK = 20 MHz, fSAMPLE = 1 MSPS unless otherwise noted. Bold-
face limits apply for T
A = −40˚C to +85˚C: all other limits TA = 25˚C, unless otherwise noted.
Symbol
Parameter
Conditions
Typical
Limits
Units
POWER SUPPLY CHARACTERISTICS
I
DD
Normal Mode (Static)
V
DD = +4.75V to +5.25V,
SCLK On or Off
2mA
V
DD = +2.7V to +3.6V,
SCLK On or Off
1mA
Normal Mode (Operational)
V
DD = +4.75V to +5.25V,
f
SAMPLE = 1 MSPS
2.0
3.5
mA (max)
V
DD = +2.7V to +3.6V,
f
SAMPLE = 1 MSPS
0.6
1.6
mA (max)
Shutdown Mode
V
DD = +5V, SCLK Off
0.5
µA
V
DD = +5V, SCLK On
60
µA
P
D
Power Consumption, Normal Mode
(Operational)
V
DD = +5V, fSAMPLE = 1 MSPS
10
17.5
mW (max)
V
DD = +3V, fSAMPLE = 1 MSPS
2
4.8
mW (max)
Power Consumption, Shutdown Mode
V
DD = +5V, SCLK Off
2.5
µW
V
DD = +3V, SCLK Off
1.5
µW
ANALOG INPUT CHARACTERISTICS
V
IN
Input Range
0 to V
DD
V
I
DCL
DC Leakage Current
±1
µA (max)
C
INA
Analog Input Capacitance
30
pF
DIGITAL INPUT CHARACTERISTICS
V
IH
Input High Voltage
2.4
V (min)
V
IL
Input Low Voltage
V
DD = +5V
0.8
V (max)
V
DD = +3V
0.4
V (max)
I
IN
Input Current
V
IN =0VorVDD
±10 nA
±1
µA (max)
C
IND
Digital Input Capacitance
2
4
pF (max)
DIGITAL OUTPUT CHARACTERISTICS
V
OH
Output High Voltage
I
SOURCE = 200 µA,
V
DD = +2.7V to +5.25V
V
DD −0.2
V (min)
V
OL
Output Low Voltage
I
SINK = 200 µA
0.4
V (max)
I
OL
TRI-STATE Leakage Current
±10
µA (max)
C
OUT
TRI-STATE Output Capacitance
2
4
pF (max)
Output Coding
Straight (Natural) Binary
AC ELECTRICAL CHARACTERISTICS
f
SCLK
Clock Frequency
20
MHz (max)
DC
SCLK Duty Cycle
40
60
% (min)
% (max)
t
TH
Track/Hold Acquisition Time
400
ns (max)
f
RATE
Throughput Rate
See Serial Interface Section
1
MSPS
(max)
t
AD
Aperture Delay
3
ns
t
AJ
Aperture Jitter
30
ps
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com