Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83902AVLJ Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83902AVLJ
Description  ST-NICTM Serial Network Interface Controller for Twisted Pair
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83902AVLJ Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button DP83902AVLJ Datasheet HTML 43Page - National Semiconductor (TI) DP83902AVLJ Datasheet HTML 44Page - National Semiconductor (TI) DP83902AVLJ Datasheet HTML 45Page - National Semiconductor (TI) DP83902AVLJ Datasheet HTML 46Page - National Semiconductor (TI) DP83902AVLJ Datasheet HTML 47Page - National Semiconductor (TI) DP83902AVLJ Datasheet HTML 48Page - National Semiconductor (TI) DP83902AVLJ Datasheet HTML 49Page - National Semiconductor (TI) DP83902AVLJ Datasheet HTML 50Page - National Semiconductor (TI) DP83902AVLJ Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
130 Bus Arbitration and Timing (Continued)
REMOTE WRITE TIMING
A Remote Write operation transfers data from the IO port
to the local buffer RAM The ST-NIC initiates a transfer by
requesting a byteword via the PRQ The system transfers a
byte-word to the latch via IOW This write strobe is detected
by the ST-NIC and PRQ is removed By removing the PRQ
the Remote DMA holds off further transfers into the latch
until the current byteword has been transferred from the
latch PRQ is reasserted and the next transfer can begin
1 ST-NIC asserts PRQ System writes byteword into latch
ST-NIC removes PRQ
2 Remote DMA reads contents of port and writes byte
word to local buffer memory increments address and
decrements byte count (RBCR0 1)
3 Go back to step 1
Steps 1 – 3 are repeated until the remote DMA is com-
plete
TLF11157 – 30
REMOTE DMA WRITE SPECIAL
CONSIDERATIONS
Setting PRQ Using the Remote Read
Under certain conditions the ST-NIC bus state machine may
issue MWR and PRD before PRQ for the first DMA transfer
of a Remote Write Command If this occurs this could cause
data corruption or cause the remote DMA count to be dif-
ferent from the main CPU count causing the system to ‘‘lock
up’’
To prevent this condition when implementing a Remote
DMA Write the Remote DMA Write command should first
be preceded by a Remote DMA Read command to insure
that the PRQ signal is asserted before the ST-NIC starts its
port read cycle The reason for this is that the state machine
that asserts PRQ runs independently of the state machine
that controls the DMA signals The DMA machine assumes
that PRQ is asserted but actually may not be To remedy
this situation a single Remote Read cycle should be insert-
ed before the actual DMA Write Command is given This will
ensure that PRQ is asserted when the Remote DMA Write is
subsequently executed This single Remote Read cycle is
called a ‘‘dummy Remote Read’’ In order for the dummy
Remote Read cycle to operate correctly the Start Address
should be programmed to a known safe location in the buff-
er memory space and the Remote Byte count should be
programmed to a value greater than 1 This will ensure that
the master read cycle is performed safely eliminating the
possibility of data corruption
Remote Write with High Speed Buses
When implementing the Remote DMA Write solution with
high speed buses and CPU’s timing may cause the system
to hang Therefore additional considerations are required
A problem occurs when the system can execute the dummy
Remote Read and then start the Remote Write before the
ST-NIC has had a chance to execute the Remote Read If
this happens the PRQ signal will not get set and the Re-
mote Byte Count and Remote Start Address for the Remote
Write operation could be corrupted This is shown by the
hatched waveforms in the following timing diagram The ex-
ecution of the Remote Read can be delayed by the local
DMA operations (particularly during end-of-packet process-
ing)
To ensure the dummy Remote Read does execute a delay
must be inserted between writing the Remote Read Com-
mand and starting to write the Remote Write Start Address
(This time is designated in the next figure by the delay ar-
rows) The recommended method to avoid this problem is
after the Remote Read command is given to poll both bytes
of the Current Remote DMA Address Registers When the
address has incremented PRQ has been set Software
should recognize this and then start the Remote Write
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com