Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCS7477AIMF Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADCS7477AIMF
Description  1MSPS, 12-/10-/8-Bit A/D Converters in 6-Lead SOT-23
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADCS7477AIMF Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button ADCS7477AIMF Datasheet HTML 13Page - National Semiconductor (TI) ADCS7477AIMF Datasheet HTML 14Page - National Semiconductor (TI) ADCS7477AIMF Datasheet HTML 15Page - National Semiconductor (TI) ADCS7477AIMF Datasheet HTML 16Page - National Semiconductor (TI) ADCS7477AIMF Datasheet HTML 17Page - National Semiconductor (TI) ADCS7477AIMF Datasheet HTML 18Page - National Semiconductor (TI) ADCS7477AIMF Datasheet HTML 19Page - National Semiconductor (TI) ADCS7477AIMF Datasheet HTML 20Page - National Semiconductor (TI) ADCS7477AIMF Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
Applications Information
1.0 ADCS7476/77/78 OPERATION
The
ADCS7476/77/78
are
successive-approximation
analog-to-digital converters designed around a charge-
redistribution digital-to-analog converter. Simplified sche-
matics of the ADCS7476/77/78 in both track and hold opera-
tion are shown in Figures 4 and 5, respectively. In Figure 4,
the device is in track mode: switch SW1 connects the sam-
pling capacitor to the input, and SW2 balances the compara-
tor inputs. The device is in this state until CS is brought low,
at which point the device moves to hold mode.
Figure 5 shows the device in hold mode: switch SW1 con-
nects the sampling capacitor to ground, maintaining the
sampled voltage, and switch SW2 unbalances the compara-
tor. The control logic then instructs the charge-redistribution
DAC to add or subtract fixed amounts of charge from the
sampling capacitor until the comparator is balanced. When
the comparator is balanced, the digital word supplied to the
DAC is the digital representation of the analog input voltage.
The device moves from hold mode to track mode on the 13th
rising edge of SCLK.
2.0 USING THE ADCS7476/77/78
Serial interface timing diagrams for the ADCS7476/77/78 are
shown in Figures 1, 2, and 3. CS is chip select, which
initiates conversions on the ADCS7476/77/78 and frames
the serial data transfers. SCLK (serial clock) controls both
the conversion process and the timing of serial data. SDATA
is the serial data out pin, where a conversion result is found
as a serial data stream.
Basic operation of the ADCS7476/77/78 begins with CS
going low, which initiates a conversion process and data
transfer. Subsequent rising and falling edges of SCLK will be
labelled with reference to the falling edge of CS; for example,
"the third falling edge of SCLK" shall refer to the third falling
edge of SCLK after CS goes low.
At the fall of CS, the SDATA pin comes out of TRI-STATE,
and the converter moves from track mode to hold mode. The
input signal is sampled and held for conversion on the falling
edge of CS. The converter moves from hold mode to track
mode on the 13th rising edge of SCLK (see Figure 1, 2, or 3).
The SDATA pin will be placed back into TRI-STATE after the
16th falling edge of SCLK, or at the rising edge of CS,
whichever occurs first. After a conversion is completed, the
quiet time t
QUIET must be satisfied before bringing CS low
again to begin another conversion.
Sixteen SCLK cycles are required to read a complete
sample from the ADCS7476/77/78. The sample bits (includ-
ing any leading or trailing zeroes) are clocked out on falling
edges of SCLK, and are intended to be clocked in by a
receiver on subsequent falling edges of SCLK. The
ADCS7476/77/78 will produce four leading zeroes on
SDATA, followed by twelve, ten, or eight data bits, most
significant first. After the data bits, the ADCS7477 will clock
out two trailing zeros, and the ADCS7478 will clock out four
trailing zeros. The ADCS7476 will not clock out any trailing
zeros; the least significant data bit will be valid on the 16th
falling edge of SCLK.
Depending upon the application, the first edge on SCLK after
CS goes low may be either a falling edge or a rising edge. If
20057709
FIGURE 4. ADCS7476/77/78 in Track Mode
20057710
FIGURE 5. ADCS7476/77/78 in Hold Mode
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com